Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

463FA002M22 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 463FA002M22
Description  EMI/RFI Environmental G-Spring Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

463FA002M22 Datasheet(HTML) 1 Page - Glenair, Inc.

  463FA002M22 Datasheet HTML 1Page - Glenair, Inc. 463FA002M22 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 463 - Page 4
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Product Series
Connector
Designator
Angle and Profile
A = 90
B = 45
S = Straight
Basic Part No.
463 F S 002 M 16 05 F 6
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Strain Relief Style (F, G)
Cable Entry (Table V)
Shell Size (Table I)
Finish (Table II)
B
(Table I)
A Thread
(Table I)
* Length ± .060 (1.52)
Minimum Order Length 1.5 Inch
(See Note 5)
Length *
1.220
(31.0)
Max
Cable
Range
M
(Table IV)
Shown with Style F
Strain Relief
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 6
DIRECT COUPLING
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 Inch
(See Note 5)
463-002
EMI/RFI Environmental G-Spring Backshell
with Strain Relief
Direct Coupling - Low Profile
G
(Table V)
H (Table V)
F (Table V)
J
(Table III)
Shown with
Style G
Strain Relief
Shown with Style F
Strain Relief
469-001-XX Shield Support Ring
(order separately) is recommended
for use in all G-Spring backshells
(see page 463-8)
E
(Table V)
J
(Table III)
N
(Table IV)
B
(Table I)
B
(Table I)


Similar Part No. - 463FA002M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
463FA001M08 GLENAIR-463FA001M08 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463FA001M10 GLENAIR-463FA001M10 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463FA001M12 GLENAIR-463FA001M12 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463FA001M14 GLENAIR-463FA001M14 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463FA001M16 GLENAIR-463FA001M16 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
More results

Similar Description - 463FA002M22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
463GH003M11 GLENAIR-463GH003M11 Datasheet
84Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463AA001M08 GLENAIR-463AA001M08 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
460GH003M11 GLENAIR-460GH003M11 Datasheet
89Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AA001M08 GLENAIR-460AA001M08 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AH011M08 GLENAIR-460AH011M08 Datasheet
57Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AA002M08 GLENAIR-460AA002M08 Datasheet
70Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com