Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16821A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16821A
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16821A_09 Datasheet HTML 1Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 2Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 3Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 4Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 5Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 6Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 7Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 8Page - Maxim Integrated Products MAX16821A_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VDD = VCC, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to SGND.............................................................-0.3V to +30V
BST to SGND..........................................................-0.3V to +35V
BST to LX..................................................................-0.3V to +6V
DH to LX ...........................................-0.3V to (VBST - VLX) + 0.3V
DL to PGND................................................-0.3V to (VDD + 0.3V)
VCC to SGND............................................................-0.3V to +6V
VCC, VDD to PGND ...................................................-0.3V to +6V
SGND to PGND .....................................................-0.3V to +0.3V
VCC Current ......................................................................300mA
All Other Pins to SGND...............................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin TQFN 5mm x 5mm (derate 34.5mW/°C
above +70°C) ............................................................2758mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal LDO on
7
28
Input-Voltage Range
VIN
Internal LDO off (VCC connected to VIN)
4.75
5.50
V
Quiescent Supply Current
IQ
VEN = VCC or SGND, no switching
2.7
5.5
mA
LED CURRENT REGULATOR
VIN = VCC = 4.75V to 5.5V, fSW = 500kHz
(MAX16821A)
0.594
0.600
0.606
VIN = 7V to 28V, fSW = 500kHz
(MAX16821A)
0.594
0.600
0.606
VIN = VCC = 4.75V to 5.5V, fSW = 500kHz
(MAX16821B)
0.098
0.100
0.102
VIN = 7V to 28V, fSW = 500kHz
(MAX16821B)
0.098
0.100
0.102
VIN = VCC = 4.75V to 5.5V, fSW = 500kHz
(MAX16821C)
0.028
0.030
0.032
Differential Set Value
(VSENSE+ to VSENSE-) (Note 2)
VIN = 7V to 28V, fSW = 500kHz
(MAX16821C)
0.028
0.030
0.032
V
Soft-Start Time
tSS
1024
Clock
Cycles
STARTUP/INTERNAL REGULATOR
VCC Undervoltage Lockout (UVLO)
UVLO
VCC rising
4.1
4.3
4.5
V
UVLO Hysteresis
VCC falling
200
mV
VCC Output Voltage
VIN = 7V to 28V, ISOURCE = 0 to 60mA
4.85
5.10
5.30
V
MOSFET DRIVER
Output Driver Impedance
Low or high output, ISOURCE/SINK = 20mA
1.1
3
Output Driver Source/Sink Current
IDH, IDL
4A
Nonoverlap Time
tNO
CDH/DL = 5nF
35
ns


Similar Part No. - MAX16821A_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821AATI++ MAXIM-MAX16821AATI+ Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821AATI++ MAXIM-MAX16821AATI+ Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821AATI++ MAXIM-MAX16821AATI+ Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
More results

Similar Description - MAX16821A_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
   5W HIGH POWER HBLED DRIVER
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
   16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com