Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16047 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAX16047
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16047 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAX16047_09 Datasheet HTML 40Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 41Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 42Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 43Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 44Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 45Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 46Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 47Page - Maxim Integrated Products MAX16047_09 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
44
______________________________________________________________________________________
I2C/SMBus-Compatible
Serial Interface
The MAX16047/MAX16049 feature an I2C/SMBus-com-
patible 2-wire serial interface consisting of a serial data
line (SDA) and a serial clock line (SCL). SDA and SCL
facilitate bidirectional communication between the
MAX16047/MAX16049 and the master device at clock
rates up to 400kHz. Figure 1 shows the 2-wire interface
timing diagram. The MAX16047/MAX16049 are trans-
mit/receive slave-only devices, relying upon a master
device to generate a clock signal. The master device
(typically a µC) initiates a data transfer on the bus and
generates SCL to permit that transfer.
A master device communicates to the MAX16047/
MAX16049 by transmitting the proper address followed
by command and/or data words. The slave address
input, A0, is capable of detecting four different states,
allowing multiple identical devices to share the same seri-
al bus. The slave address is described further in the
Slave Address section. Each transmit sequence is framed
by a START (S) or REPEATED START (SR) condition and
a STOP (P) condition. Each word transmitted over the bus
is 8 bits long and is always followed by an acknowledge
pulse. SCL is a logic input, while SDA is an open-drain
input/output. SCL and SDA both require external pullup
resistors to generate the logic-high voltage. Use 4.7k
Ω for
most applications.
Bit Transfer
Each clock pulse transfers one data bit. The data on
SDA must remain stable while SCL is high (Figure 9);
otherwise the MAX16047/MAX16049 registers a START
or STOP condition (Figure 10) from the master. SDA
and SCL idle high when the bus is not busy.
START and STOP Conditions
Both SCL and SDA idle high when the bus is not busy.
A master device signals the beginning of a transmis-
sion with a START condition by transitioning SDA from
high to low while SCL is high. The master device issues
a STOP condition by transitioning SDA from low to high
while SCL is high. A STOP condition frees the bus for
another transmission. The bus remains active if a
REPEATED START condition is generated, such as in
the block read protocol (see Figure 1).
Early STOP Conditions
The MAX16047/MAX16049 recognize a STOP condition
at any point during transmission except if a STOP condi-
tion occurs in the same high pulse as a START condition.
This condition is not a legal I2C format; at least one clock
pulse must separate any START and STOP condition.
REPEATED START Conditions
A REPEATED START may be sent instead of a STOP
condition to maintain control of the bus during a read
operation. The START and REPEATED START condi-
tions are functionally identical.
DATA LINE STABLE,
DATA VALID
SDA
SCL
CHANGE OF
DATA ALLOWED
Figure 9. Bit Transfer
P
S
START
CONDITION
SDA
SCL
STOP
CONDITION
Figure 10. START and STOP Conditions


Similar Part No. - MAX16047_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047ATN++ MAXIM-MAX16047ATN+ Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047ETN MAXIM-MAX16047ETN Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
More results

Similar Description - MAX16047_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com