Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16046 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX16046
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16046 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX16046_09 Datasheet HTML 28Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 29Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 30Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 31Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 32Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 33Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 34Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 35Page - Maxim Integrated Products MAX16046_09 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
32
______________________________________________________________________________________
Table 13. Sequence Delays and Fault Recovery
REGISTER/
EEPROM
ADDRESS
BIT RANGE
DESCRIPTION
[1:0]
Power-Up Fault Timeout
00 = 25ms
01 = 50ms
10 = 100ms
11 = 200ms
[3:2]
Power-Down Fault Timeout
00 = 25ms
01 = 50ms
10 = 100ms
11 = 200ms
[4]
INS1 Pulldown Resistor Enable
0 = Pulldown resistor for INS1 is disabled
1 = Pulldown resistor for INS1 is enabled
[5]
INS2 Pulldown Resistor Enable
0 = Pulldown resistor for INS2 is disabled
1 = Pulldown resistor for INS2 is enabled
[6]
INS3 Pulldown Resistor Enable
0 = Pulldown resistor for INS3 is disabled
1 = Pulldown resistor for INS3 is enabled
4Eh
[7]
INS4 Pulldown Resistor Enable
0 = Pulldown resistor for INS4 is disabled
1 = Pulldown resistor for INS4 is enabled
[2:0]
Autoretry Timeout
000 = 20µs
001 = 12.5ms
010 = 25ms
011 = 50ms
100 = 100ms
101 = 200ms
110 = 400ms
111 = 1.6s
[3]
Fault Recovery Mode
0 = Autoretry procedure is performed following a fault event
1 = Latch-off on fault
[5:4]
Slew Rate
00 = 800V/s
01 = 400V/s
10 = 200V/s
11 = 100V/s
4Fh
[7:6]
Fault Deglitch
00 = 2 conversions
01 = 4 conversions
10 = 8 conversions
11 = 16 conversions


Similar Part No. - MAX16046_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046ACB++ MAXIM-MAX16046ACB+ Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046ATN++ MAXIM-MAX16046ATN+ Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046ETN++ MAXIM-MAX16046ETN+ Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046EVKIT MAXIM-MAX16046EVKIT Datasheet
1Mb / 25P
   On-Board LDO Regulators and Tracking FETs
Rev 1; 3/09
More results

Similar Description - MAX16046_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com