Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15046 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15046
Description  40V, High-Performance, Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15046 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15046 Datasheet HTML 2Page - Maxim Integrated Products MAX15046 Datasheet HTML 3Page - Maxim Integrated Products MAX15046 Datasheet HTML 4Page - Maxim Integrated Products MAX15046 Datasheet HTML 5Page - Maxim Integrated Products MAX15046 Datasheet HTML 6Page - Maxim Integrated Products MAX15046 Datasheet HTML 7Page - Maxim Integrated Products MAX15046 Datasheet HTML 8Page - Maxim Integrated Products MAX15046 Datasheet HTML 9Page - Maxim Integrated Products MAX15046 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
40V, High-Performance, Synchronous
Buck Controller
6 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 24V, TA = +25NC, unless otherwise noted.)
LIM REFERENCE CURRENT
vs. TEMPERATURE
TEMPERATURE (NC)
110
95
-25 -10 5
35 50 65
20
80
45
50
55
60
65
70
75
80
40
-40
125
SINK AND SOURCE CURRENT LIMIT
THRESHOLDS vs. RESISTANCE (RILIM)
RESISTANCE (kI)
60
50
30
40
20
10
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.35
0
70
SINK CURRENT LIMIT
SOURCE CURRENT LIMIT
LOAD TRANSIENT ON OUT (1A TO 10A)
MAX15046 toc12a
IOUT
5A/div
VOUT
200mV/div
200Fs/div
LOAD TRANSIENT ON OUT (1A TO 15A)
MAX15046 toc12b
IOUT
5A/div
VOUT
200mV/div
200Fs/div
LOAD TRANSIENT ON OUT (1A TO 6A)
MAX15046 toc12c
IOUT
5A/div
VOUT
100mV/div
200Fs/div
STARTUP DISABLE FROM EN
(RLOAD = 3.3I)
MAX15046 toc13
VOUT
2V/div
PGOOD
5V/div
IN
20V/div
EN
5V/div
4ms/div
STARTUP AND DISABLE FROM IN
(RLOAD = 3.3kI)
MAX15046 toc14
VOUT
2V/div
PGOOD
5V/div
IN
10V/div
20ms/div
STARTUP WITH PREBIASED
OUTPUT (4.0V)
MAX15046 toc15a
VOUT
2V/div
PGOOD
5V/div
IN
10V/div
24V
4V
4ms/div
STARTUP WITH PREBIASED
OUTPUT (1.0V)
MAX15046 toc15b
VOUT
2V/div
PGOOD
5V/div
IN
10V/div
24V
1V
4ms/div


Similar Part No. - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046AAEE++ MAXIM-MAX15046AAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046B MAXIM-MAX15046B Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
MAX15046BAEE++ MAXIM-MAX15046BAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046BEVKIT MAXIM-MAX15046BEVKIT Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
More results

Similar Description - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com