Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15046 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15046
Description  40V, High-Performance, Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15046 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15046 Datasheet HTML 1Page - Maxim Integrated Products MAX15046 Datasheet HTML 2Page - Maxim Integrated Products MAX15046 Datasheet HTML 3Page - Maxim Integrated Products MAX15046 Datasheet HTML 4Page - Maxim Integrated Products MAX15046 Datasheet HTML 5Page - Maxim Integrated Products MAX15046 Datasheet HTML 6Page - Maxim Integrated Products MAX15046 Datasheet HTML 7Page - Maxim Integrated Products MAX15046 Datasheet HTML 8Page - Maxim Integrated Products MAX15046 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
40V, High-Performance Synchronous
Buck Controller
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 24V, VEN = 5V, VGND = VPGND = 0V, CIN = 1FF, CVCC = 4.7FF, RRT = 49.9kI, TA = TJ = -40NC to +125NC, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
Note 2: All devices are 100% tested at room temperature and guaranteed by design over the specified temperature range.
Note 3: Select RRT as:
9
RT
-7
2
SW
SW
17.3 10
R
f
(1 x 10 )(f
)
×
=
+
, where fSW is in Hertz.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DL Peak Current
CLOAD = 10nF
Sinking, VDRV = VCC
= 5.25V
3
A
Sourcing, VDRV =
VCC = 5.25V
2
DH, DL Break-Before-Make Time
(Dead Time)
10
ns
SOFT-START
Soft-Start Duration
2048
Switching
Cycles
Reference Voltage Steps
64
Steps
CURRENT LIMIT/HICCUP
Cycle-by-Cycle Valley Current-
Limit Threshold Adjustment
Range
VCSP - VPGND,
valley limit =
VLIM/10
VLIM = 0.3V
30
mV
VLIM = 3V
300
LIM Reference Current
ILIM
VLIM = 0.3V to 3V, TA = +25NC
45
50
55
F
A
LIM Reference Current
Temperature Coefficient
2300
ppm/NC
CSP Input Bias Current
VCSP = 40V
-1
+1
F
A
Number of Consecutive Current-
Limit Events to Hiccup
7
Events
Hiccup Timeout
4096
Switching
Cycles
Peak Low-Side Sink Current-Limit
Threshold
VCSP - VPGND, sink limit = VLIM/20,
RILIM = 30kI, VLIM = 1.5V,
TA = +25NC
75
mV
POWER-GOOD (PGOOD)
PGOOD Threshold
VFB rising
90
94
97.5
%VFB
PGOOD Threshold Hysteresis
VFB falling
2.65
%VFB
PGOOD Output Low Voltage
VPGOOD_L
IPGOOD = 2mA, VEN = 0V
0.4
V
PGOOD Output Leakage Current
ILEAK_PGOOD VPGOOD = 40V, VEN = 5V, VFB = 1V
-1
+1
F
A
THERMAL SHUTDOWN
Thermal Shutdown Threshold
Temperature rising
+150
N
C
Thermal Shutdown Hysteresis
20
N
C


Similar Part No. - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046AAEE++ MAXIM-MAX15046AAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046B MAXIM-MAX15046B Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
MAX15046BAEE++ MAXIM-MAX15046BAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046BEVKIT MAXIM-MAX15046BEVKIT Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
More results

Similar Description - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com