Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15027 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15027
Description  1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15027 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15027 Datasheet HTML 2Page - Maxim Integrated Products MAX15027 Datasheet HTML 3Page - Maxim Integrated Products MAX15027 Datasheet HTML 4Page - Maxim Integrated Products MAX15027 Datasheet HTML 5Page - Maxim Integrated Products MAX15027 Datasheet HTML 6Page - Maxim Integrated Products MAX15027 Datasheet HTML 7Page - Maxim Integrated Products MAX15027 Datasheet HTML 8Page - Maxim Integrated Products MAX15027 Datasheet HTML 9Page - Maxim Integrated Products MAX15027 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Capacitor Selection and
Regulator Stability
Capacitors are required at the MAX15027/MAX15028’s
inputs and outputs for stable operation over the full
temperature range and with load currents up to 1A.
Connect a 1µF capacitor between IN and ground and a
4.7µF capacitor with low equivalent series resistance
(ESR) between OUT and ground for 1A output current.
The input capacitor (CIN) lowers the source impedance
of the input supply. If input supply source impedance is
high, place a larger input capacitor close to IN to pre-
vent VIN sagging due to load transients. Smaller output
capacitors can be used for output currents less than
1A. Calculate the minimum COUT as follows:
Operating Region and
Power Dissipation
The maximum power dissipation depends on the ther-
mal resistance of the IC package and circuit board, the
temperature difference between the die junction and
ambient air, and the rate of airflow. The power dissipat-
ed in the device is PDISS = IOUT (VIN - VOUT). The
package features an exposed thermal pad on its
underside. This pad lowers the thermal resistance of
the package by providing a direct heat conduction
path from the die to the PCB. Connect the exposed
backside pad and GND to the system ground using a
large pad or ground plane and multiple vias to the
ground plane layer.
Noise, PSRR, and Transient Response
The MAX15027/MAX15028 are designed to operate
with low-dropout voltages and low quiescent currents
while still maintaining good noise performance, tran-
sient response, and AC rejection (see the
Typical
Operating Characteristics for a plot of Power-Supply
Rejection Ratio (PSRR) vs. Frequency). When operating
from noisy sources, improved supply-noise rejection
and transient response can be achieved by increasing
the values of the input and output bypass capacitors
and through passive filtering techniques. The
MAX15027/MAX15028 load-transient response graphs
(see the
Typical Operating Characteristics) show two
components of the output response: a DC shift from the
output impedance due to the load current change, and
the transient response. A typical transient overshoot for
a step change in the load current from 300mA to
800mA is 15mV. Use ceramic output capacitors greater
than 4.7µF (up to 100µF) to attenuate the overshoot.
Layout Guidelines
The TDFN package has an exposed thermal pad on its
underside. This pad provides a low thermal resistance
path for heat transfer into the PCB. This low thermally
resistive path carries a majority of the heat away from
the IC. The PCB is effectively a heatsink for the IC. The
exposed pad should be connected to a large ground
plane for proper thermal and electrical performance.
The minimum size of the ground plane is dependent
upon many system variables. To create an efficient
path, the exposed pad should be soldered to a thermal
landing, which is connected to the ground plane by
thermal vias. The thermal landing should be at least as
large as the exposed pad.
CI
F
A
OUT
OUT MAX
=× ⎛
⎝⎜
⎠⎟
()
.
1
025
µ
1.425V to 3.6V Input, 1A Low-Dropout
Regulators with BIAS Input
_______________________________________________________________________________________
9


Similar Part No. - MAX15027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
MAX15020 MAXIM-MAX15020 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020 MAXIM-MAX15020 Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
MAX15020 MAXIM-MAX15020 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020ATP MAXIM-MAX15020ATP Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
More results

Similar Description - MAX15027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
logo
SeCoS Halbleitertechnol...
S5JGS1581D SECOS-S5JGS1581D_15 Datasheet
942Kb / 8P
   Dual Input Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com