Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15027 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15027
Description  1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15027 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15027 Datasheet HTML 2Page - Maxim Integrated Products MAX15027 Datasheet HTML 3Page - Maxim Integrated Products MAX15027 Datasheet HTML 4Page - Maxim Integrated Products MAX15027 Datasheet HTML 5Page - Maxim Integrated Products MAX15027 Datasheet HTML 6Page - Maxim Integrated Products MAX15027 Datasheet HTML 7Page - Maxim Integrated Products MAX15027 Datasheet HTML 8Page - Maxim Integrated Products MAX15027 Datasheet HTML 9Page - Maxim Integrated Products MAX15027 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.425V to 3.6V Input, 1A Low-Dropout
Regulators with BIAS Input
_______________________________________________________________________________________
7
Functional Diagram
INTERNAL
SUPPLY
GENERATOR
BIAS
UVLO
IN
UVLO
CONTROL
LOGIC
P
REF
ERROR
AMPLIFIER
WITH
SOFT-START
OVERTEMPERATURE
PROTECTION
MOS DRIVER
WITH ILIMIT
BIAS
IN
EN
FB
SS
OUT
GND
MAX15028
ONLY
MAX15027
ONLY
REF
MAX15027
MAX15028
Detailed Description
The MAX15027/MAX15028 low-dropout linear regula-
tors operate from input voltages as low as 1.425V and
deliver up to 1A of continuous output current with a
maximum dropout voltage of only 225mV.
The MAX15028 operates with an input voltage as low
as 1.425V if the bias voltage (VBIAS) of 3V to 5.5V is
available. The power is applied at IN while the control
is provided through BIAS input. The current drawn by
BIAS is negligible when the LDO goes into shutdown.
This feature is especially useful in automotive applica-
tions where the BIAS input is derived from an always-
on LDO that expects to provide minimal power during
the key-off condition.
The pMOS output stage can be driven from input volt-
ages down to +1.425V without sacrificing stability or
transient performance. The output voltage of all the
regulators is adjustable from 0.5V to VIN and is ±2%
accurate over load and line variations, from -40°C to
+125°C. Since these regulators have a pMOS output
device, supply current is not a significant function of
load or input headroom.


Similar Part No. - MAX15027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
MAX15020 MAXIM-MAX15020 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020 MAXIM-MAX15020 Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
MAX15020 MAXIM-MAX15020 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020ATP MAXIM-MAX15020ATP Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
More results

Similar Description - MAX15027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
logo
SeCoS Halbleitertechnol...
S5JGS1581D SECOS-S5JGS1581D_15 Datasheet
942Kb / 8P
   Dual Input Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com