Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15023ETG+ Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX15023ETG+
Description  Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15023ETG+ Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX15023ETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 11Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 12Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 13Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 14Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 15Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 16Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 17Page - Maxim Integrated Products MAX15023ETG+ Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Wide 4.5V to 28V Input, Dual-Output
Synchronous Buck Controller
14
______________________________________________________________________________________
the error amplifier. The duration of the soft-start ramp is
2048 switching cycles and the resolution is 1/64 of the
steady-state regulation voltage. This allows a smooth
increase of the output voltage. A logic-low on each EN_
initiates a soft-stop sequence by stepping down the ref-
erence voltage of the error amplifier. After the soft-stop
sequence is completed, the MOSFET drivers are both
turned off. See Figure 1 for more detail.
Connect EN1 and EN2 to VCC for always-on operation.
Owing to their accurate turn-on and turn–off thresholds,
EN1 and EN2 can be used as a UVLO adjustment input
and for power sequencing together with the PGOOD_
outputs. (See the
Setting the Enable Input (EN_) section).
The adaptive action in the soft-start becomes visible if
the cycle-by-cycle, low-side, source peak current limit
is reached during the soft-start ramping sequence. In
this case, the rate-of-rise of the internal reference is
decreased, so that the PWM controller tries to regulate
to the inductor current around its limit value, rather than
the output voltage. The soft-start time can be prolonged
up to 4096 clock cycles (twice the normal soft-start
duration). This implementation allows the soft-start time
to be automatically adapted to the time necessary to
keep the LX current below the limit while charging the
output capacitor.
Since soft-start is invoked by the hiccup-mode short-
circuit protection, also see the
Hiccup Mode
Overcurrent Protection section for additional details.
Power-Good Outputs (PGOOD_)
The MAX15023 includes two power-good comparators
to monitor the regulators’ output voltages and detect
the power-good threshold, fixed at 92.5% of the nomi-
nal FB voltage. The PGOOD_ outputs are open-drain
and should be pulled up with an external resistor to the
supply voltage of the logic input they drive. This voltage
should not exceed 28V. They can sink up to 2mA of
current while low.
VCC
B
CD
E
2048 CLK
CYCLES
2048 CLK
CYCLES
F
G
HI
A
UVLO
EN_
VOUT_
DAC_VREF_
DH_
DL_
UVLO
Undervoltage threshold value is provided in
the Electrical Characteristics table.
Internal 5.2V linear regulator output.
Active-high enable input.
Regulator output voltage.
Regulator internal soft-start and soft-stop signal.
Regulator high-side gate-driver output.
Regulator low-side gate-driver output.
VCC rising while below the UVLO threshold.
EN_ is low.
VCC
EN_
VOUT_
DAC_VREF_
DH_
DL_
A
SYMBOL
DEFINITION
B
VCC is higher than the UVLO threshold. EN_ is low.
EN is pulled high. DH_ and DL_ start switching.
Normal operation.
VCC drops below UVLO.
VCC goes above UVLO threshold. DH_ and DL_
start switching. Normal operation.
EN_ is pulled low. VOUT_ enters soft-stop.
EN_ is pulled high. DH_ and DL_ start switching.
Normal operation.
VCC drops below UVLO.
C
D
E
F
G
H
I
SYMBOL
DEFINITION
Figure 1. MAX15023 Detailed Power-On/-Off Sequencing


Similar Part No. - MAX15023ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG MAXIM-MAX15023ETG Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG MAXIM-MAX15023ETG Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG/V MAXIM-MAX15023ETG/V Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
More results

Similar Description - MAX15023ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com