Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11803EWC+T Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX11803EWC+T
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11803EWC+T Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11803EWC+T Datasheet HTML 8Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 9Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 10Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 11Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 12Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 13Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 14Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 15Page - Maxim Integrated Products MAX11803EWC+T Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
12
______________________________________________________________________________________
AVERAGE SUPPLY CURRENT
vs. SAMPLING RATE
SAMPLING RATE (cps)
180
160
120 140
40 60 80 100
20
10
20
30
40
50
60
70
80
90
0
0
200
AUTONOMOUS MODE
cps = COORDINATES
PER SECOND
DATA TAKEN WITH
RESISTIVE TOUCH
SENSOR
AVERAGE SUPPLY CURRENT
vs. SAMPLING RATE
SAMPLING RATE (cps)
180
160
140
120
100
80
60
40
20
1
2
3
4
5
0
0
200
DIRECT CONTINUOUS
INTERRUPT MODE
cps = COORDINATES PER SECOND
AVERAGE SUPPLY CURRENT
vs. SAMPLING RATE
SAMPLING RATE (cps)
180
160
140
120
100
80
60
40
20
1
2
3
4
5
0
0
200
DIRECT EDGE
INTERRUPT MODE
cps = COORDINATES PER SECOND
SUPPLY CURRENT IN POWER-DOWN
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
10
-15
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
0.40
0
-40
85
SWITCH RESISTANCE
vs. SUPPLY VOLTAGE
VDD (V)
3.2
2.8
2.4
2.0
4
5
6
Y+
7
8
3
1.6
3.6
X+
Y-
X-
SWITCH RESISTANCE
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
10
-15
2
3
4
5
6
7
1
-40
85
X-
X+
Y-
Y+
CHANGE IN ADC GAIN
vs. TEMPERATURE
TEMPERATURE (NC)
80
50
-10
20
-3
-2
-1
0
2
1
3
4
-4
-40
110
CHANGE IN ADC OFFSET
vs. TEMPERATURE
TEMPERATURE (NC)
80
50
-10
20
-3
-2
-1
0
2
1
3
4
-4
-40
110
Typical Operating Characteristics
(VDD = 1.8V at TA = -40°C to +85°C (TA = -40°C, TA = 0°C, TA = +25°C, and TA = +85°C), 12-bit mode, all measurements using
noncontinuous AUX input. SPI = 10MHz and I2C = 400kHz, unless otherwise noted. Resistive touch-screen panel (X+ to X- = 608
Ω,
Y+ to Y- = 371
Ω).)


Similar Part No. - MAX11803EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11803EWC+T MAXIM-MAX11803EWC+T Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11803EWC+T MAXIM-MAX11803EWC+T Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
More results

Similar Description - MAX11803EWC+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com