Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11800 Datasheet(PDF) 52 Page - Maxim Integrated Products

Part # MAX11800
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11800 Datasheet(HTML) 52 Page - Maxim Integrated Products

Back Button MAX11800 Datasheet HTML 48Page - Maxim Integrated Products MAX11800 Datasheet HTML 49Page - Maxim Integrated Products MAX11800 Datasheet HTML 50Page - Maxim Integrated Products MAX11800 Datasheet HTML 51Page - Maxim Integrated Products MAX11800 Datasheet HTML 52Page - Maxim Integrated Products MAX11800 Datasheet HTML 53Page - Maxim Integrated Products MAX11800 Datasheet HTML 54Page - Maxim Integrated Products MAX11800 Datasheet HTML 55Page - Maxim Integrated Products MAX11800 Datasheet HTML 56Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
52
______________________________________________________________________________________
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME
APRX[3:0]
APRY[3:0]
DEFAULT
000000
0
0
BIT
NAME
DESCRIPTION
7:4
APRX[3:0]
±
ΔX for aperture checking
0000 = 2
-1 LSB = aperture checking disabled
0001 = 2
(1-1) LSB = ±1 LSB
0010 = 2
(2-1) LSB = ±2 LSB
0011 = 2
(3-1) LSB = ±4 LSB
.
.
.
1001 = 2
(9-1) LSB = ±256 LSB
1010 = 2
(10-1) LSB = ±512 LSB
1011 = 2
(11-1) LSB = ±1024 LSB
1100 = 2
(12-1) LSB = ±2048 LSB
1101 to 1111 = aperture checking disabled
3:0
APRY[3:0]
±
ΔY for aperture checking
APRY[3:0] has the same range as APRX[3:0] above.
Aperture Configuration Register (0x09) (MAX11800/MAX11801)
Note: These aperture settings apply in autonomous conversion mode only and control whether data meets the criteria for logging
into the FIFO.


Similar Part No. - MAX11800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800 MAXIM-MAX11800 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
3Mb / 18P
   Direct Conversion Mode Demonstration Capability
Rev 0; 10/10
MAX11800ETC++ MAXIM-MAX11800ETC+ Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800ETC++ MAXIM-MAX11800ETC+ Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
More results

Similar Description - MAX11800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com