Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-FIAM9HS3 Datasheet(PDF) 1 Page - Vicor Corporation

Part # M-FIAM9HS3
Description  Military COTS 28 Vin Filter Input Attenuator Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM9HS3 Datasheet(HTML) 1 Page - Vicor Corporation

  M-FIAM9HS3 Datasheet HTML 1Page - Vicor Corporation M-FIAM9HS3 Datasheet HTML 2Page - Vicor Corporation M-FIAM9HS3 Datasheet HTML 3Page - Vicor Corporation M-FIAM9HS3 Datasheet HTML 4Page - Vicor Corporation M-FIAM9HS3 Datasheet HTML 5Page - Vicor Corporation M-FIAM9HS3 Datasheet HTML 6Page - Vicor Corporation M-FIAM9HS3 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM9
Rev. 2.1
Page 1 of 7
Set your site on VICOR at vicorpower.com
Features
• EMI filtering-MIL-STD-461E
• Transient protection-MIL-STD-704A/E /F,
MIL-STD-1275A/B/D
• Environments-MIL-STD-810, MIL-STD-202
• Environmental stress screening
• Low profile mounting options
• Output power up to 500 W
• Output current up to 18 A
• Mini sized package
• Inrush current limiting
Product Highlights
The M-FIAM9 is a DC front-end module
that provides EMI filtering and transient
protection. The M-FIAM9 enables designers
using Vicor’s Maxi, Mini, Micro Series 24 V
& Maxi Series 28 V DC-DC converters to
meet conducted emission / conducted
susceptibility per MIL-STD-461E; and input
transients per MIL-STD-704A/E/F and MIL-
STD-1275A/B/D. The M-FIAM9 accepts an
input voltage of 10 – 36 Vdc and delivers
output power up to 500 W.
M-FIAM9 is housed in an industry standard
"half brick" module measuring 2.28" x 2.2"
x 0.5" and depending upon model selected,
may be mounted onboard
or inboard for height critical applications.
Compatible Products
• Maxi, Mini, Micro Series 24 V Input
DC-DC converters
• Maxi Series 28 V Input DC-DC converters
The MVA-FIAM9 provides a coldplate and
connector option for use with either
24 V input Maxi, Mini, Micro series
DC-DC converters or VIPAC Arrays.
Shown actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Thermal Resistance and Capacity
Parameter
Min
Typ
Max
Unit
Baseplate to sink
flat, greased surface
0.16
°C/Watt
with thermal pad (P/N 20264)
0.1
°C/Watt
Baseplate to ambient
Free convection
7.9
°C/Watt
1000 LFM
2.2
°C/Watt
M-FIAM9
M
2
1
Part Numbering*
Product
Product Grade Temperatures (°C)
Grade
Operating
Storage
H =
–40 to +100
– 55 to +125
M =
–55 to +100
– 65 to +125
Pin Style
1 = Short Pin
2 = Long Pin
S = Short ModuMate*
N = Long ModuMate*
F = Short RoHS
G = Long RoHS
Baseplate
1 = Slotted
2 =Threaded
3 =Through
hole
MTBF per MIL-HDBK-217F (M-FIAM9M21)
Temperature
Environment
MTBF
Unit
25°C
Ground Benign: G.B.
3,582
1,000 Hrs
50°C
Naval Sheltered: N.S.
644
1,000 Hrs
65°C
Airborne Inhabited Cargo: A.I.C.
505
1,000 Hrs
Data Sheet
M-FIAM9
Military COTS 28 Vin Filter
Input Attenuator Module
Model Number: M-FIAM9M21*
Parameter
Rating
Unit
Notes
+In to –In
36
Vdc
Continuous
100
Vdc
See Fig.1
Mounting torque
5 (0.57)
in-lbs6 each, #4-40 or M3
Pin soldering temperature
500 (260)
°F(°C)
<5 sec; wave solder
750 (390)
°F(°C)
<7 sec; hand solder
Absolute Maximum Rating
MVA-FIAM9:
A coldplate and
connector option.
*Compatible with SurfMate and InMate socketing system.
MVA-FIAM9 (Coldplate and connector option)
H-Grade (-40°C to +100°C operation): MVA-FIAM9H, MVA-FIAM9H-C (On / Off control enabled)
M-Grade (-55°C to +100°C operation): MVA-FIAM9M, MVA-FIAM9M-C (On / Off control enabled)


Similar Part No. - M-FIAM9HS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI11 POWERBOX-M-FIAM3BI11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI12 POWERBOX-M-FIAM3BI12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI13 POWERBOX-M-FIAM3BI13 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

Similar Description - M-FIAM9HS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com