Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPI-10-CB1 Datasheet(PDF) 4 Page - Vicor Corporation

Part # QPI-10-CB1
Description  QPI-10LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-10-CB1 Datasheet(HTML) 4 Page - Vicor Corporation

  QPI-10-CB1 Datasheet HTML 1Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 2Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 3Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 4Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 5Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 6Page - Vicor Corporation QPI-10-CB1 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Picor Corporation • www.picorpower.com
QPI-10-CB1 Data Sheet Rev. 1.1 Page 4 of 7
EMI Bypass Configurations
EMI bypass capacitors (“Y” capacitors) are an essential
element in a switch-mode DC-DC filter application as
these capacitors provide a return path for common-
mode noise currents to their source; so careful attention
to bypass capacitor implementation is essential for a
successful EMI filter design. This carrier board is
preconfigured in a “base-plate” EMI topology, which
uses six “Y” capacitors (only four are actually used in a
BCM configuration), as illustrated in Figure 7 below.
This is the preferred topology for VI Chip applications.
The carrier board can be manually reconfigured to an
“open frame” topology, which uses four “Y” caps in a
PRM/VTM combination (two for a BCM), as shown in
Figure 8. The open-frame approach may attenuate
certain load dependent noise better than the base-plate
method. The carrier board provides an ideal test vehicle
for making a comparison between the two “Y”
capacitor configurations. To reconfigure to “open
frame” carefully remove capacitors CY5 through CY10
and place four of those six capacitors in the positions
marked as CY1 through CY4.
EMI Performance and Test Set Up
The EMI plots in Figures 9 through 14 are the total noise
measurements, on both the positive and negative lines
of the QPI-10LZ with various VI Chip configurations,
BUS+
QPI+
BUS-
QPI-
QPI
VIN+
VOUT+
VIN-
VOUT-
PRM
VIN+
VOUT+
VIN-
VOUT-
VTM
CY5
CY6
CY9
CY7
CY10
CY8
C1
47 uF
LISN
LISN
PCB Plane Under Converter
~1.25 m
Shielded Box
Shield Plane (Earth Ground)
PCB Board
BUS
SUPPLY
SW
Figure 7 – Basic EMI measurement setup for “base-plate” configuration.
BUS+
QPI+
BUS-
QPI-
QPI
VIN+
VOUT+
VIN-
VOUT-
PRM
VIN+
VOUT+
VIN-
VOUT-
VTM
CY3
CY1
CY4
CY2
C1
47 uF
LISN
LISN
PCB Plane
Under Converter
~1.25 m
Shielded Box
Shield Plane (Earth Ground)
PCB Board
BUS
SUPPLY
SW
Figure 8 – Basic EMI measurement setup for “open-frame” configuration.
using the basic base-plate standard “Y” cap
configuration. Figure 7 shows the basic EMI
measurement set up that was used to achieve these
results. Figure 8 shows the alternate set up method
when converting to the open-frame approach.
In Figure 7 (base-plate method), capacitors CY5 through
CY10 represent the recirculation capacitors that are
connected to each of the four input and output
terminals, then are commoned to a shield plane that
has been created underneath the converter. Since the
PRM/ VTM pair is similar to a conventional converter,
which is split into to halves, two additional “Y” caps
(CY7 and CY9) were added to the PRM’s output (the
input to the VTM), referenced to the shield plane.
In Figure 8 (open-frame method), four “Y” capacitors
are used (CY1 through CY4) rather than the two “Y”
caps that a conventional converter would require, once
again because of the topology split created by the pair.
In a BCM application there is no topology split so the
set up would require two fewer capacitors for either
configuration. The open-frame method would only
need one pair of input an output caps, referenced to
the shield plane on either side of the BCM. And for
open-frame method a pair of “Y” caps across the
positive input to positive output, and negative input
and negative output would be sufficient.


Similar Part No. - QPI-10-CB1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-10 VICOR-QPI-10 Datasheet
577Kb / 8P
   AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
QPI-10L VICOR-QPI-10L Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Powerbox
QPI-10L POWERBOX-QPI-10L Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-10LZ VICOR-QPI-10LZ Datasheet
577Kb / 8P
   AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
QPI-10LZ VICOR-QPI-10LZ Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
More results

Similar Description - QPI-10-CB1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-12-CB1 VICOR-QPI-12-CB1 Datasheet
1Mb / 6P
   QPI-12LZ Filter Carrier Board for 48 V VI Chip EMI Evaluation
LCAS6-10-L VICOR-LCAS6-10-L Datasheet
693Kb / 4P
   VI CHIP Evaluation Board
IB050Q096T70N1-CB VICOR-IB050Q096T70N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T48N1-CB VICOR-IB050E096T48N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB048E096T40N1-CB VICOR-IB048E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T40N1-CB VICOR-IB050E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050Q096T64N1-CB VICOR-IB050Q096T64N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
logo
BCM Advanced Research.
REV-SA01 BCM-REV-SA01 Datasheet
559Kb / 1P
   3.5” SMARC Evaluation Carrier Board
08/20/2014
logo
Vicor Corporation
QPI-9 VICOR-QPI-9 Datasheet
648Kb / 8P
   Hot-Swap SiP With VI Chip EMI Filter
QPI-X-EVAL1 VICOR-QPI-X-EVAL1 Datasheet
126Kb / 2P
   Evaluation Board for Active EMI Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com