Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4956-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4956-SM
Description  3 V - 7 V Optical Modulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4956-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGA4956-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4956-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4956-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4956-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4956-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4956-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4956-SM Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
6
TGA4956-SM
Dec 2008 © Rev -
Measured Data
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
Frequency (GHz)
IRL
ORL
Vd = 5 V, Id = 200 mA


Similar Part No. - TGA4956-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4956-SM TRIQUINT-TGA4956-SM Datasheet
976Kb / 7P
   3 V ??7 V Optical Modulator Driver
TGA4956-SM TRIQUINT-TGA4956-SM_15 Datasheet
976Kb / 7P
   3 V ??7 V Optical Modulator Driver
More results

Similar Description - TGA4956-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4956-SM TRIQUINT-TGA4956-SM_15 Datasheet
976Kb / 7P
   3 V ??7 V Optical Modulator Driver
logo
M/A-COM Technology Solu...
MAOM-010567 MA-COM-MAOM-010567_15 Datasheet
1Mb / 9P
   Optical Modulator Driver
MAOM-010567-V1 MA-COM-MAOM-010567-V1 Datasheet
1Mb / 9P
   Optical Modulator Driver
logo
Filtronic Compound Semi...
MAX002 FILTRONIC-MAX002 Datasheet
41Kb / 2P
   Optical Communications - Modulator Driver Amplifier
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4819-SL TRIQUINT-TGA4819-SL Datasheet
385Kb / 11P
   10.7Gb/s Linear Optical Modulator Driver
TGA8652-EPU-SL TRIQUINT-TGA8652-EPU-SL Datasheet
871Kb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com