Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR26125EU Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AGR26125EU
Description  125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR26125EU Datasheet(HTML) 6 Page - TriQuint Semiconductor

  AGR26125EU Datasheet HTML 1Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 2Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 3Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 4Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 5Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 6Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 7Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 8Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
E
5
2
1
6
2
R
G
A
125 W, 2.5 GHz—2.7 GHz, N-Channel E-Mode, Lateral MOSFET
Typical Performance Characteristics (continued)
Figure 4. CW Broadband Performance
Test Conditions:
Two-tone measurement @ 10 MHz tone spacing, VDD = 28 Vdc, F1 = 2590 MHz, F2 = 2600 MHz.
Figure 5. Two-tone IMD vs. Power
20
25
30
35
40
45
50
55
60
2500
2550
2600
2650
2700
FREQUENCY, MHzA
-25
-20
-15
-10
-5
0
5
10
15
GAIN
PAE
P1dB
IRL
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
0
0
0
1
0
0
1
0
1
1
POUT (W, PEP)Z
0
5
10
15
20
25
30
35
40
45
IM7
IM3
IM5


Similar Part No. - AGR26125EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR26125EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21125E TRIQUINT-AGR21125E Datasheet
368Kb / 9P
   125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
logo
List of Unclassifed Man...
UGF27025 ETC1-UGF27025 Datasheet
315Kb / 7P
   25W, 2.7 GHz, 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com