Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR21090E Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # AGR21090E
Description  90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR21090E Datasheet(HTML) 7 Page - TriQuint Semiconductor

  AGR21090E Datasheet HTML 1Page - TriQuint Semiconductor AGR21090E Datasheet HTML 2Page - TriQuint Semiconductor AGR21090E Datasheet HTML 3Page - TriQuint Semiconductor AGR21090E Datasheet HTML 4Page - TriQuint Semiconductor AGR21090E Datasheet HTML 5Page - TriQuint Semiconductor AGR21090E Datasheet HTML 6Page - TriQuint Semiconductor AGR21090E Datasheet HTML 7Page - TriQuint Semiconductor AGR21090E Datasheet HTML 8Page - TriQuint Semiconductor AGR21090E Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AGR21090E
90 W, 2.110 GHz—2.170 GHz, N-Channel E-Mode, Lateral MOSFET
Typical Performance Characteristics (continued)
Test Conditions:
VDD 28 Vdc, POUT = 19 W, IDQ = 800 mA.
2 carrier W-CDMA 3GPP peak-to-average = 8.5 dB @ 0.01% CCDF, 10 MHz spacing, 3.84 MHz CBW.
Figure 8. Broadband Performance
Test Conditions:
VDD 28 Vdc, POUT = 19 W, IDQ = 800 mA.
2 carrier W-CDMA 3GPP peak-to-average = 8.5 dB @ 0.01% CCDF, 10 MHz spacing, 3.84 MHz CBW.
Figure 9. Spectral Plot
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
2100
2110
2120
2130
2140
2150
2160
2170
2180
FREQUENCY (MHz)Z
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
GAIN
IRL
IM3
ACPR
IM3
IM3
ACPR
ACPR
CENTER 2.140 GHz
SPAN 50 MHz
-45
-40
-35
-30
-25
-20
-15
-10
-5
-0
+5
F2
F1


Similar Part No. - AGR21090E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060EF TRIQUINT-AGR21060EF Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060EU TRIQUINT-AGR21060EU Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR21090E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21125E TRIQUINT-AGR21125E Datasheet
368Kb / 9P
   125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26125E TRIQUINT-AGR26125E Datasheet
392Kb / 9P
   125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF TRIQUINT-AGR09090EF Datasheet
515Kb / 14P
   90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com