Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR18090EU Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # AGR18090EU
Description  90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR18090EU Datasheet(HTML) 8 Page - TriQuint Semiconductor

  AGR18090EU Datasheet HTML 1Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 2Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 3Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 4Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 5Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 6Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 7Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 8Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
90 W, 1.805 GHz—1.880 GHz, LDMOS RF Power Transistor
AGR18090E
Typical Performance Characteristics (continued)
VDD = 26 V, IDQ = 800 mA, fc = 1842.5 MHz, EDGE Modulation
Figure 10. Power Gain, Efficiency, and EVM vs. Output Power
0
5
10
15
20
25
30
35
40
45
1.0
10.0
100.0
OUTPUT POWER (POUT) (W)
0
1
2
3
4
5
6
7
8
9
EFFICIENCY
EVM
Gps


Similar Part No. - AGR18090EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EF TRIQUINT-AGR18060EF Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EU TRIQUINT-AGR18060EU Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
More results

Similar Description - AGR18090EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18125E TRIQUINT-AGR18125E Datasheet
382Kb / 6P
   125 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
logo
ANADIGICS, Inc
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
logo
STMicroelectronics
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
   40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
April 2021 Rev 2
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
   30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
September 2021 Rev 2
RF5L08350CB4 STMICROELECTRONICS-RF5L08350CB4 Datasheet
1Mb / 12P
   400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
   200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
   80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
   180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
April 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com