Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR18060EF Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # AGR18060EF
Description  60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR18060EF Datasheet(HTML) 5 Page - TriQuint Semiconductor

  AGR18060EF Datasheet HTML 1Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 2Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 3Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 4Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 5Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 6Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 7Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 8Page - TriQuint Semiconductor AGR18060EF Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
E
0
6
0
8
1
R
G
A
60 W, 1805 MHz—1880 MHz, LDMOS RF Power Transistor
Typical Performance Characteristics (continued)
VDD = 26 V, IDQ = 500 mA, FREQUENCY = 1842.5 MHz, CW MEASUREMENT.
Figure 4. Output Power and Efficiency Versus Input Power
VDD = 26 V, FREQUENCY = 1842.5 MHz, CW MEASUREMENT.
Figure 5. Power Gain Versus Output Power
VDD = 26 V, IDQ = 500 mA, PIN = 25 dBm, CW MEASUREMENT.
Figure 6. Gain and IRL Versus Signal Frequency
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
PIN, INPUT POWER (WATTS)Z
-20.0
-15.0
-10.0
-5.0
0.0
EFFICIENCY
POUT
IRL
12
13
14
15
16
1
10
100
POUT, OUTPUT POWER (WATTS)Z
IDQ = 700 mA
IDQ = 500 mA
IDQ = 300 mA
10
11
12
13
14
15
16
1760
1780
1800
1820
1840
1860
1880
1900
f, FREQUENCY (MHz)Z
-20
-15
-10
-5
0
IRL
GPS


Similar Part No. - AGR18060EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090E TRIQUINT-AGR18090E Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090EF TRIQUINT-AGR18090EF Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090EU TRIQUINT-AGR18090EU Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
More results

Similar Description - AGR18060EF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF181301 INFINEON-PTF181301 Datasheet
66Kb / 4P
   LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
2004-04-28
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
PTFB183404E INFINEON-PTFB183404E_16 Datasheet
911Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04.1, 2016-06-10
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTF180601 INFINEON-PTF180601 Datasheet
233Kb / 11P
   LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz
2004-05-03
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com