Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR18060EU Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # AGR18060EU
Description  60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR18060EU Datasheet(HTML) 2 Page - TriQuint Semiconductor

  AGR18060EU Datasheet HTML 1Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 2Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 3Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 4Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 5Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 6Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 7Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 8Page - TriQuint Semiconductor AGR18060EU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
60 W, 1805 MHz—1880 MHz, LDMOS RF Power Transistor
E
0
6
0
8
1
R
G
A
Electrical Characteristics
Recommended operating conditions apply unless otherwise specified: TC = 30 °C.
Table 4. dc Characteristics
Table 5. RF Characteristics
ti
n
U
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Off Characteristics
Drain-source Breakdown Voltage (VGS = 0 V, ID = 90 µA)
V(BR)DSS
65
Vdc
Gate-source Leakage Current (VGS = 5 V, VDS = 0 V)
IGSS
1.8
µAdc
Zero Gate Voltage Drain Leakage Current (VDS = 26 V, VGS = 0 V)
IDSS
5.5
µAdc
On Characteristics
Forward Transconductance (VDS = 10 V, ID = 0.45 A)
GFS
4.0
S
Gate Threshold Voltage (VDS = 10 V, ID = 180 µA)
VGS(th)
4.8
Vdc
Gate Quiescent Voltage (VDS = 26 V, ID = 500 mA)
VGS(Q)
3.6
Vdc
Drain-source On-voltage (VGS = 10 V, ID = 0.45 A)
VDS(on)
0.08
Vdc
ti
n
U
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Dynamic Characteristics
Transfer Capacitance
(VDS = 26 V, VGS = 0, f = 1 MHz)
(Part is internally matched both on input and output.)
CRSS
1.3
pF
Functional Tests (in Agere Systems Supplied Test Fixture)
Two-Tone Common-source Amplifier Power Gain
(VDD = 26 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f = 1805 MHz
and 1880 MHz, tone spacing = 100 kHz)
GPS
15
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f = 1805 MHz
and 1880 MHz, tone spacing = 100 kHz)
η
41
%
Third-order Intermodulation Distortion*
(VDD = 26 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f = 1805 MHz
and 1880 MHz, tone spacing = 100 kHz)
IM3
–26
dBc
Input Return Loss
(VDD = 26 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f = 1805 MHz
and 1880 MHz, tone spacing = 100 kHz)
IRL
–10
dB
Output Power at 1 dB Gain Compression
(VDD = 26 V, POUT = 60 W CW, f = 1880 MHz, IDQ = 500 mA)
P1dB
60
W
Ruggedness
(VDD = 26 V, POUT = 60 W CW, IDQ = 500 mA, f = 1880 MHz,
VSWR = 10:1 [all phase angles])
Ψ
No degradation in output
power.
100
(in Supplied Test Fixture)
= 300µA


Similar Part No. - AGR18060EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090E TRIQUINT-AGR18090E Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090EF TRIQUINT-AGR18090EF Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090EU TRIQUINT-AGR18090EU Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
More results

Similar Description - AGR18060EU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF181301 INFINEON-PTF181301 Datasheet
66Kb / 4P
   LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
2004-04-28
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
   LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
PTFB183404E INFINEON-PTFB183404E_16 Datasheet
911Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04.1, 2016-06-10
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTF180601 INFINEON-PTF180601 Datasheet
233Kb / 11P
   LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz
2004-05-03
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com