Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR09085EU Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AGR09085EU
Description  85 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR09085EU Datasheet(HTML) 6 Page - TriQuint Semiconductor

  AGR09085EU Datasheet HTML 1Page - TriQuint Semiconductor AGR09085EU Datasheet HTML 2Page - TriQuint Semiconductor AGR09085EU Datasheet HTML 3Page - TriQuint Semiconductor AGR09085EU Datasheet HTML 4Page - TriQuint Semiconductor AGR09085EU Datasheet HTML 5Page - TriQuint Semiconductor AGR09085EU Datasheet HTML 6Page - TriQuint Semiconductor AGR09085EU Datasheet HTML 7Page - TriQuint Semiconductor AGR09085EU Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
85 W, 865 MHz—895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09085E
Typical Performance Characteristics (continued)
TEST CONDITIONS:
VDD = 28 Vdc, IDQ = 0.8 A, TC = 30 °C, WAVEFORM = CW.
Figure 6. Power Gain vs. Power Out
TEST CONDITIONS:
VDD = 28 Vdc, IDQ = 0.8 A, TC = 30 °C, WAVEFORM = CW.
Figure 7. Power Out and Drain Efficiency vs. Input Power
0
2
4
6
8
10
12
14
16
18
20
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
POUT (W)Z
880 MHz
POWER
895 MHz
865 MHz
0
20
40
60
80
100
120
140
160
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
PIN (W)Z
20
30
40
50
60
70
80
90
100
895 MHz
POUT
EFFICIENCY
880 MHz
865 MHz
865 MHz


Similar Part No. - AGR09085EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09030EF TRIQUINT-AGR09030EF Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09030EU TRIQUINT-AGR09030EU Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR09085EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09180EF TRIQUINT-AGR09180EF Datasheet
407Kb / 9P
   180 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF TRIQUINT-AGR09090EF Datasheet
515Kb / 14P
   90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09130E TRIQUINT-AGR09130E Datasheet
466Kb / 10P
   130 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09070EF TRIQUINT-AGR09070EF Datasheet
373Kb / 8P
   70 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
   90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
PD25025F PEAK-PD25025F Datasheet
1Mb / 4P
   25 W, 2.3GHz - 2.5GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com