Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

460GS003M29 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 460GS003M29
Description  EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

460GS003M29 Datasheet(HTML) 2 Page - Glenair, Inc.

  460GS003M29 Datasheet HTML 1Page - Glenair, Inc. 460GS003M29 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 460 - Page 9
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. Shield Support Ring (469-001-XX) is recommended for use in all G-Spring back-
shells (see page 463-8).
2. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied.
Dimensions E, F, G and H will not apply. Please consult factory.
3. Metric dimensions (mm) are indicated in parentheses.
4. Cable range is defined as the accommodations range for the wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
5. Consult factory for shorter lengths on straight backshells.
TABLE III: ELBOW DIMENSIONS
Shell
Size
11
13
15
17
19
23
25
29
33
E
Max
1.240 (31.5)
1.260 (32.0)
1.290 (32.8)
1.310 (33.3)
1.340 (34.0)
1.380 (35.1)
1.410 (35.8)
1.580 (40.1)
1.620 (41.1)
G
Max
1.380 (35.1)
1.440 (36.6)
1.500 (38.1)
1.570 (39.9)
1.630 (41.4)
1.730 (43.9)
1.800 (45.7)
2.040 (51.8)
2.130 (54.1)
F
Max
.980 (24.9)
1.000 (25.4)
1.030 (26.2)
1.050 (26.7)
1.080 (27.4)
1.120 (28.4)
1.150 (29.2)
1.320 (33.5)
1.360 (34.5)
See inside back cover
fold-out or pages 13 and
14 for Tables I and II.
H
Max
1.120 (28.4)
1.180 (30.0)
1.250 (31.8)
1.310 (33.3)
1.390 (35.3)
1.470 (37.3)
1.540 (39.1)
1.780 (45.2)
1.870 (47.5)
TABLE IV: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
11*
12*
13*
14*
M
Max
.843 (21.4)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
2.187 (55.5)
2.312 (58.7)
2.437 (61.9)
2.546 (64.7)
Min
.156
(4.0)
.188
(4.8)
.250
(6.4)
.280
(7.1)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
Max
.250
(6.4)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
N
Max
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
2.125 (54.0)
2.250 (57.2)
Cable Range
* Consult factory for availability
460-003
EMI/RFI Non-Environmental G-Spring Backshell
with Strain Relief
Rotatable Coupling - Standard Profile


Similar Part No. - 460GS003M29

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
460 ETC1-460 Datasheet
52Kb / 1P
   High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
logo
Littelfuse
460 LITTELFUSE-460 Datasheet
26Kb / 1P
   PICO SMF Very Fast-Acting Type Fuse 459 Series
logo
Intronics Power, Inc.
460 INTRONICS-460 Datasheet
854Kb / 4P
   High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
logo
Mill-Max Mfg. Corp.
460-10-202-00-001000 MILL-MAX-460-10-202-00-001000 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
More results

Similar Description - 460GS003M29

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
460AA001M08 GLENAIR-460AA001M08 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AH011M08 GLENAIR-460AH011M08 Datasheet
57Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AA002M08 GLENAIR-460AA002M08 Datasheet
70Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
463GH003M11 GLENAIR-463GH003M11 Datasheet
84Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463AA001M08 GLENAIR-463AA001M08 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463AA002M08 GLENAIR-463AA002M08 Datasheet
63Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com