Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9724A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX9724A
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9724A Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VDD = 5V, PGND = SGND = 0V, SHDN = VDD, C1 = C2 = 1µF, RL = ∞, gain = -1.5V/V (RIN = 20kΩ, RF = 30kΩ for the MAX9724A),
THD+N measurement bandwidth = 22Hz to 22kHz, both outputs driven in phase, TA = +25°C, unless otherwise noted.)
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (UCSP)
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 3V
RL = 16
Ω
POUT = 5mW
POUT = 10mW
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (TQFN)
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 3V
RL = 32
Ω
POUT = 8mW
POUT = 15mW
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (UCSP)
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 3V
RL = 32
Ω
POUT = 8mW
POUT = 13mW
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (TQFN)
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 5V
RL = 16
Ω
POUT = 20mW
POUT = 37mW
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (UCSP)
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 5V
RL = 16
Ω
POUT = 20mW
POUT = 32mW
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (TQFN)
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 5V
RL = 32
Ω
POUT = 50mW
POUT = 30mW
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY (UCSP)
FREQUENCY (Hz)
1
0.1
0.001
0.01
VDD = 5V
RL = 32
Ω
POUT = 45mW
POUT = 20mW
0
20
10
40
30
60
50
70
2.5
3.5
4.0
3.0
4.5
5.0
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE (TQFN)
SUPPLY VOLTAGE (V)
fIN = 1kHz
RL = 16
Ω
1% THD+N
10% THD+N
0
20
10
40
30
60
50
70
2.5
3.5
4.0
3.0
4.5
5.0
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE (UCSP)
SUPPLY VOLTAGE (V)
fIN = 1kHz
RL = 16
Ω
1% THD+N
10% THD+N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn