Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9724A Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX9724A
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9724A Datasheet(HTML) 17 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CHARGE
PUMP
UVLO/
SHUTDOWN
CONTROL
CLICK-AND-POP
SUPPRESSION
C1N
C1P
PVSS
SVSS
PGND
SGND
( ) UCSP PACKAGE
INR
VDD
SHDN
SVSS
VDD
SGND
INL
RF
30k
Ω
RIN
20k
Ω
RIN*
20k
Ω
OUTR
LEFT
AUDIO
INPUT
RIGHT
AUDIO
INPUT
HEADPHONE
JACK
5
(A2)
12
(B1)
1
(C1)
2
(C2)
3
(C3)
4
(C4)
9
(B4)
11
(A4)
6
(B3)
10
(A3)
7
(A1)
C1
1
μF
C2
1
μF
2.7V TO 5.5V
C3
1
μF
CIN
0.47
μF
VSS
VDD
OUTL
CIN
0.47
μF
8
(B2)
RF*
30k
Ω
MAX9724B
ON
OFF
Functional Diagram/Typical Operating Circuits (continued)
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
______________________________________________________________________________________
17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn