Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9724A Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX9724A
Description  60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9724A Datasheet(HTML) 14 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
To suppress this noise, and to provide a 2VRMS stan-
dard audio output level from a single 5V supply, the
MAX9724A can be configured as a line driver and
active lowpass filter. Figure 5 shows the MAX9724A
connected as 2-pole Rauch/multiple feedback filter with
a passband gain of 6dB and a -3dB (below passband)
cutoff frequency of approximately 27kHz (see Figure 6
for the Gain vs. Frequency plot).
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Connect PGND and SGND together at a
single point on the PC Board. Connect PVSS to SVSS
and bypass with a 1µF capacitor. Place the power-sup-
ply bypass capacitor and the charge-pump hold
capacitor as close to the MAX9724 as possible. Route
PGND and all traces that carry switching transients
away from SGND and the audio signal path. The thin
QFN package features an exposed paddle that
improves thermal efficiency. Ensure that the exposed
paddle is electrically isolated from PGND, SGND,
and VDD. Connect the exposed paddle to SVSS only
when the board layout dictates that the exposed
paddle cannot be left floating.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, printed circuit
board techniques, bump-pad layout, and recommend-
ed reflow temperature profile, as well as the latest infor-
mation on reliability testing results, refer to the
Application Note
UCSP—A Wafer-Level Chip-Scale
Package available on Maxim’s website at www.maxim-
ic.com/ucsp.
60mW, DirectDrive, Stereo Headphone Amplifier
with Low RF Susceptibility and Shutdown
14
______________________________________________________________________________________
MAX9724A ACTIVE FILTER GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
-30
-25
-20
-15
-10
-5
0
5
10
-35
1k
1M
RL = 10k
Ω
Figure 6. Frequency Response of Active Filter of Figure 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn