Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9670 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9670
Description  Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9670 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9670 Datasheet HTML 17Page - Maxim Integrated Products MAX9670 Datasheet HTML 18Page - Maxim Integrated Products MAX9670 Datasheet HTML 19Page - Maxim Integrated Products MAX9670 Datasheet HTML 20Page - Maxim Integrated Products MAX9670 Datasheet HTML 21Page - Maxim Integrated Products MAX9670 Datasheet HTML 22Page - Maxim Integrated Products MAX9670 Datasheet HTML 23Page - Maxim Integrated Products MAX9670 Datasheet HTML 24Page - Maxim Integrated Products MAX9670 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Low-Power Audio/Video Switch with Audio
Volume Control for Dual SCART Connectors
______________________________________________________________________________________
21
The third byte sent to the MAX9670/MAX9671 contains
the data that is written to the chosen register. An
acknowledge pulse from the MAX9670/MAX9671 sig-
nals receipt of the data byte. The address pointer
autoincrements to the next register address after each
received data byte. This autoincrement feature allows a
master to write to sequential register address locations
within one continuous frame. The master signals the
end of transmission by issuing a STOP (P) condition.
Read Data Format
The master presets the address pointer by first sending
the MAX9670/MAX9671’s slave address with the R/W
bit set to 0 followed by the register address after a
START (S) condition. The MAX9670/MAX9671 acknowl-
edges receipt of its slave address and the register
address by pulling SDA low during the ninth SCL clock
pulse. A REPEATED START (Sr) condition is then sent
followed by the slave address with the R/W bit set to 1.
The MAX9670/MAX9671 transmits the contents of the
specified register. Transmitted data is valid on the ris-
ing edge of the master-generated serial clock (SCL).
The address pointer autoincrements after each read
data byte. This autoincrement feature allows all regis-
ters to be read sequentially within one continuous
frame. A STOP condition can be issued after any num-
ber of read data bytes. If a STOP condition is issued
followed by another read operation, the first data byte
to be read is from the register address location set by
the previous transaction and not 00h and subsequent
reads autoincrement the address pointer until the next
STOP condition. Attempting to read from register
addresses higher than 01h results in repeated reads
from a dummy register containing FFh data. The master
acknowledges receipt of each read byte during the
acknowledge clock pulse. The master must acknowl-
edge all correctly received bytes except the last byte.
The final byte must be followed by a not acknowledge
from the master and then a STOP condition. Figures 11
and 12 illustrate the frame format for reading data from
the MAX9670/MAX9671.
Interrupt Output
When interrupt is enabled in modes 1 and 2, INT, which
is an open-drain output, pulls low under the following
conditions: slow-switch signals change value, CVBS
input signals are detected or disappear, and CVBS out-
put loads are added or removed.
When interrupt is enabled in mode 3, INT pulls low only
when the slow-switch signal changes value.
Enable INT by writing a 1 into bit 4 of register 01h. See
Table 13.
The interrupt can be cleared by reading register 0Eh
and 0Fh.
Applications Information
Audio Inputs
The maximum full-scale audio signal that can be
applied to the audio inputs is 0.5VRMS biased at
ground. The recommended application circuit to atten-
uate and bias an incoming audio signal is shown in
Figure 13.
ACKNOWLEDGE FROM
MAX9670/MAX9671
1 BYTE
AUTOINCREMENT INTERNAL
REGISTER ADDRESS POINTER
ACKNOWLEDGE FROM
MAX9670/MAX9671
NOT ACKNOWLEDGE FROM MASTER
A
A
P
A
0
ACKNOWLEDGE FROM
MAX9670/MAX9671
R/W
SA
R/W
REPEATED START
Sr
1
SLAVE ADDRESS
REGISTER ADDRESS
SLAVE ADDRESS
DATA BYTE
Figure 11. Reading One Indexed Byte of Data from the MAX9670/MAX9671
ACKNOWLEDGE FROM
MAX9670/MAX9671
1 BYTE
AUTOINCREMENT INTERNAL
REGISTER ADDRESS POINTER
ACKNOWLEDGE FROM
MAX9670/MAX9671
A
A
AP
0
ACKNOWLEDGE FROM
MAX9670/MAX9671
R/W
SA
R/W
REPEATED START
Sr
1
SLAVE ADDRESS
REGISTER ADDRESS
SLAVE ADDRESS
DATA BYTE
Figure 12. Reading n Bytes of Indexed Data from the MAX9670/MAX9671


Similar Part No. - MAX9670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9670 MAXIM-MAX9670 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
MAX96700COAXEVKIT MAXIM-MAX96700COAXEVKIT Datasheet
110Kb / 1P
   Evaluation Kit for the MAX96700 with Coax or STP Cable
11??1??9
MAX96700COAXEVKIT# MAXIM-MAX96700COAXEVKIT# Datasheet
4Mb / 37P
   Evaluates: MAX96700 with Coax or STP Cable
2018
MAX96700EVKIT MAXIM-MAX96700EVKIT Datasheet
4Mb / 37P
   Evaluates: MAX96700 with Coax or STP Cable
2018
More results

Similar Description - MAX9670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
logo
Maxim Integrated Produc...
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com