Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9541 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9541
Description  Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9541 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9541 Datasheet HTML 1Page - Maxim Integrated Products MAX9541 Datasheet HTML 2Page - Maxim Integrated Products MAX9541 Datasheet HTML 3Page - Maxim Integrated Products MAX9541 Datasheet HTML 4Page - Maxim Integrated Products MAX9541 Datasheet HTML 5Page - Maxim Integrated Products MAX9541 Datasheet HTML 6Page - Maxim Integrated Products MAX9541 Datasheet HTML 7Page - Maxim Integrated Products MAX9541 Datasheet HTML 8Page - Maxim Integrated Products MAX9541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Quadruple, 2:1, Mux Amplifiers for
Standard-Definition and VGA Signals
4
_______________________________________________________________________________________
Typical Operating Characteristics (MAX9541)
(VDD = 3.3V, VGND = 0,
SHDN = VDD, A/B = VDD, RL = 150Ω to GND, TA = +25°C.)
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 50mVP-P
GAIN IS NORMALIZED TO 0dB
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 50mVP-P
GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
VIDEO CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-100
-80
-60
-40
-20
0
-120
100k
100M
ALL-HOSTILE
1 ADJACENT CHANNEL
2 ADJACENT CHANNELS
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
VIDEO GROUP DELAY DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
10
20
30
40
50
60
70
80
90
100
110
120
0
100k
100M
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
VIDEO PSRR
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-70
-60
-50
-40
-30
-20
-10
0
-80
100k
100M
VDD = 3.3V + 100mVP-P
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
1.96
-50
125
DIFFERENTIAL GAIN
1
03
24
5
0.6
0.8
0.4
0.2
0
-0.2
-0.4
0
0.1
-0.1
-0.2
-0.3
-0.4
-0.5
DIFFERENTIAL PHASE
1
03
24
5
f = 3.58MHz
f = 3.58MHz


Similar Part No. - MAX9541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9541 MAXIM-MAX9541 Datasheet
134Kb / 6P
   Fully Assembled and Tested
Rev 0; 2/09
MAX9541EVKIT MAXIM-MAX9541EVKIT Datasheet
134Kb / 6P
   Fully Assembled and Tested
Rev 0; 2/09
MAX9541EVKIT++ MAXIM-MAX9541EVKIT+ Datasheet
134Kb / 6P
   Fully Assembled and Tested
Rev 0; 2/09
More results

Similar Description - MAX9541

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Maxim Integrated Produc...
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
   Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
   3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
   3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com