Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

447FW711XM16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447FW711XM16
Description  Composite EMI/RFI Banding Backshell with Strain Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447FW711XM16 Datasheet(HTML) 1 Page - Glenair, Inc.

  447FW711XM16 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-87
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
447-711
Composite EMI/RFI Banding Backshell
with Strain Relief
and Self-Locking Rotatable Coupling
E
± .06
(1.5)
.69 (17.5)
.75 (19.1)
.81 (20.6)
.88 (22.4)
.94 (23.9)
.97 (24.6)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
F
± .09
(2.3)
.88 (22.4)
1.00 (25.4)
1.13 (28.7)
1.31 (33.3)
1.38 (35.1)
1.44 (36.6)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
G
± .09
(2.3)
1.36 (34.5)
1.42 (36.1)
1.48 (37.6)
1.55 (39.4)
1.61 (40.9)
1.64 (41.7)
1.73 (43.9)
1.80 (45.7)
1.86 (47.2)
Max Entry
Dash No.**
04
05
07
09
11
13
15
17
20
TABLE II: CONNECTOR SHELL SIZE
**Consult factory for additional entry sizes available.
Consult factory for O-Ring to be supplied with part less shrink boot.
Shell Size For
Connector Designator*
A
08
10
12
14
16
18
20
22
24
F/L
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
G
11
13
15
17
19
23
U
08
10
12
14
16
18
20
22
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion
Resistant Electroless
Nickel
XMT
2000 Hour Corrosion
Resistant Ni-PTFE,
Nickel-Fluorocarbon
Polymer. 1000 Hour
GreyTM
XW
2000 Hour Corrosion
Resistant Cadmium/
Olive Drab over
Electroless Nickel
E
F
G
Raised Configuration
(Mfr's Option)
X
Dia
.67
(17.0)
Typ.
1.28
(32.5)
Drain Holes
(Optional)
Shield
Termination
Slot- Typ.
(Optional)
Shrink Sleeve or Boot
Groove, Typ.
Entry
Diameter
Y
Anti-Decoupling
Device
Anti-Decoupling
Device
TABLE IV: CABLE ENTRY
Entry Dia.
±.03 (0.8)
.250 (6.4)
.310 (7.9)
.420 (10.7)
.530 (13.5)
.630 (16.0)
.750 (19.1)
.810 (20.6)
.940 (23.9)
1.00 (25.4)
1.16 (29.5)
Entry
Code
04
05
07
09
10
12
13
15
16
19
X Dia.
±.03 (0.8)
.51 (13.0)
.51 (13.0)
.51 (13.0)
.63 (16.0)
.63 (16.0)
.63 (16.0)
.63 (16.0)
.63 (16.0)
.63 (16.0)
.63 (16.0)
Y Dia.
±.03 (0.8)
.875 (22.2)
.936 (23.8)
1.172 (29.8)
1.281 (32.5)
1.406 (35.7)
1.500 (38.1)
1.562 (39.7)
1.687 (42.8)
1.812 (46.0)
1.912 (48.6)
Finish Symbol
(See Table III)
Connector Designator
A, F, L, H, G and U
Product Series
447 - EMI/RFI Non-Environmental
Banding Backshells
447 H S 711 XW 19 13 D S K P T S
Angle and Profile
S - Straight
W - 90° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Shield
Termination Slot
(Omit for none)
Drain Hole Option
(Omit "D" if not required)
Band Option
Band supplied with
K
option (Omit for none)
Shrink Boot Option
Shrink boot and
o-ring supplied
with T option
(Omit for none)
Polysulfide Strips
Termination area
free of cadmium,
XW finish only
(Omit for none)
NOTE: Coupling Nut Supplied Unplated
Slot Option
S - Pigtail Termin. Slot
(Omit for none)


Similar Part No. - 447FW711XM16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447FW325XM08 GLENAIR-447FW325XM08 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447FW325XM10 GLENAIR-447FW325XM10 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447FW325XM12 GLENAIR-447FW325XM12 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447FW325XM14 GLENAIR-447FW325XM14 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
447FW325XM16 GLENAIR-447FW325XM16 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
More results

Similar Description - 447FW711XM16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS327XM08 GLENAIR-447AS327XM08 Datasheet
382Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Qwik-Ty짰 Strain Relief
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
527255BB GLENAIR-527255BB Datasheet
124Kb / 1P
   EMI/RFI Strain-Relief Banding Backshell for Radial EPXB Connector
189-016 GLENAIR-189-016 Datasheet
553Kb / 2P
   Backshell with Banding Strain Relief
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com