Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8845Z Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8845Z
Description  28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8845Z Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8845Z Datasheet HTML 1Page - Maxim Integrated Products MAX8845Z Datasheet HTML 2Page - Maxim Integrated Products MAX8845Z Datasheet HTML 3Page - Maxim Integrated Products MAX8845Z Datasheet HTML 4Page - Maxim Integrated Products MAX8845Z Datasheet HTML 5Page - Maxim Integrated Products MAX8845Z Datasheet HTML 6Page - Maxim Integrated Products MAX8845Z Datasheet HTML 7Page - Maxim Integrated Products MAX8845Z Datasheet HTML 8Page - Maxim Integrated Products MAX8845Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
28V Linear Li+ Battery Chargers with Battery
Detection and Overvoltage Protected Output
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VIN = 5V, VBATT = 4V, RPOK = RCHG = 200kΩ to 5V, EN = unconnected, RSETI = 2.8kΩ to GND, RMIN = 1.74kΩ to GND, RDETBAT =
4.7k
Ω to GND, CBATT = 2.2µF, TA = +25°C, unless otherwise noted.)
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-40
10
-15
35
60
85
BATTERY REGULATION ACCURACY
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
IBATT = 0
FAST-CHARGE CURRENT
vs. RSETI
RSETI (k
Ω)
1000
100
10
10
100
1000
1
1
10,000
TOP-OFF CURRENT THRESHOLD
vs. 1/RMIN (k
Ω)
1/RMIN (k
Ω)
100
150
200
250
300
350
400
450
500
550
600
50
0.4
0.6
0.8
2.0
1.0
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
1.2
1.4
1.6
1.8
TOP-OFF CURRENT RISING
TOP-OFF CURRENT FALLING
0
200
100
400
300
600
500
700
-40
0
20
-20
40
60
80
100
CHARGE CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
VBATT = 4V
VBATT = 3.2V
RSETI = 2.8k
Ω
4
μs/div
AUTOBOOT ENABLED BY ABI SIGNAL
(MAX8845Z)
VABI
VIN
5V/div
5V/div
5V/div
5V/div
MAX8845Z/Y toc14
VBATT
VABO
0
0
0
0
20
μs/div
AUTOBOOT ENABLED BY INPUT VOLTAGE
(MAX8845Z)
VABI
VIN
5V/div
5V/div
5V/div
5V/div
MAX8845Z/Y toc15
VBATT
VABO
0
0
0
0
4
μs/div
AUTOBOOT ENABLED BY ABI SIGNAL
(MAX8845Y)
VABI
VIN
5V/div
5V/div
5V/div
5V/div
MAX8845Z/Y toc16
VBATT
VABO
0
0
0
0


Similar Part No. - MAX8845Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8845Z MAXIM-MAX8845Z Datasheet
154Kb / 11P
   Programmable Top-Off Current Threshold
Rev 0; 12/08
MAX8845Z MAXIM-MAX8845Z Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8845ZETC++ MAXIM-MAX8845ZETC+ Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8845ZETC++ MAXIM-MAX8845ZETC+ Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
MAX8845ZEVKIT MAXIM-MAX8845ZEVKIT Datasheet
154Kb / 11P
   Programmable Top-Off Current Threshold
Rev 0; 12/08
More results

Similar Description - MAX8845Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8845Y MAXIM-MAX8845Y Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
MAX8845W MAXIM-MAX8845W Datasheet
495Kb / 19P
   28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 1; 9/09
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
   28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8814 MAXIM-MAX8814 Datasheet
215Kb / 12P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
Rev 0; 10/07
MAX8814 MAXIM-MAX8814_V01 Datasheet
217Kb / 11P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
2015
logo
Monolithic Power System...
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
   28V, 1A Li Linear Battery Charger with Timer and LDO Mode
MP26121 MPS-MP26121 Datasheet
775Kb / 11P
   28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com