Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI9L6142KSP45L Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPI9L6142KSP45L
Description  Surface Mount Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI9L6142KSP45L Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPI9L6142KSP45L Datasheet HTML 1Page - PCA ELECTRONICS INC. EPI9L6142KSP45L Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in high quality filter applications and as a
Coupled Inductor
• Low cost Robust construction to withstand most SMT processes
• Add “-LF” after part number for Lead-Free
EPI KSP45L & EPI KSP45L-LF Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXKSP45L & -LFa
Rev. 4
7/10/06 FT
1.6
.40
2.4
.60
4.4
1.1
8.0
2.0
19.2
4.8
32.4
8.1
38.4
9.6
60
15.0
82
20.5
Inductance
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Max.)
.024
.006
.028
.007
.032
.008
.056
.014
.164
.041
.208
.052
.228
.057
.348
.087
.636
.159
I dc
(Amps)
2.75
5.5
2.55
5.1
2.25
4.5
1.7
3.4
1.0
2.0
0.90
1.8
0.85
1.7
0.70
1.4
0.50
1.0
Part Number
EPI0L3552KSP45L(-LF)
EPI0L4512KSP45L(-LF)
EPI0L7452KSP45L(-LF)
EPI1L3342KSP45L(-LF)
EPI3L3202KSP45L(-LF)
EPI5L3182KSP45L(-LF)
EPI6L2172KSP45L(-LF)
EPI9L6142KSP45L(-LF)
EPI140102KSP45L(-LF)
Schematic
1
4
3
2
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Connection
1.2
0.3
1.6
0.4
2.8
0.7
5.2
1.3
13.2
3.3
21.2
5.3
24.8
6.2
38.4
9.6
56.0
14.0
Inductance
(µH Min.)
@ Idc
Package KSP45L(-LF)
.460 Max.
(11.68)
.460 Max.
(11.68)
Pin 1
I.D.
.165 Max.
(4.19)
.350
(8.89)
.350
(8.89)
Top
View
Bottom
View
4
3
2
1
Marking :
PCA
Inductance Value
D.C.
.422
(10.72)
.277
(7.04)
Recommended
Layout
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 40% Max.
Notes :
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
4. Weight
5. Packaging Information
(Tube)
EPIXXXXXXKSP45L
SnPb
225°C
0.7 grams
TBD pcs / tube
EPIXXXXXXKSP45L-LF
Hot Tin Dip (Sn)
250°C
0.7 grams
TBD pcs / tube


Similar Part No. - EPI9L6142KSP45L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI9L6142KSP45L PCA-EPI9L6142KSP45L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPI9L6142KSP45L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com