Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPIH6D38 Datasheet(PDF) 4 Page - PCA ELECTRONICS INC.

Part # EPIH6D38
Description  SMD Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIH6D38 Datasheet(HTML) 4 Page - PCA ELECTRONICS INC.

  EPIH6D38 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIH6D38 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIH6D38 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPIH6D38 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPIH6D38 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPIH6D38 Datasheet HTML 6Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E L E C T R O N I C S I N C .
SMD Shielded Power Inductors
EPIH Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSPIH
Rev. -
3/6/08
Electrical Characteristics (EPIH4D28 Type)
1.2
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
68.0
82.0
100.0
120.0
150.0
Inductance
(µH)
0.024
0.028
0.031
0.043
0.049
0.065
0.072
0.101
0.109
0.118
0.128
0.132
0.149
0.166
0.235
0.261
0.378
0.384
0.699
0.915
1.020
1.270
1.350
DC Resistance
(
Ω Max.)
2.56
2.20
2.04
1.60
1.57
1.44
1.32
1.17
1.12
1.04
1.00
0.84
0.76
0.72
0.70
0.58
0.56
0.50
0.35
0.32
0.29
0.27
0.24
Rated Current
(Amps Max.)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH5D18 Type)
4.1
5.4
6.2
8.9
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
330
Inductance
(µH)
0.057
0.076
0.096
0.116
0.124
0.153
0.196
0.210
0.290
0.330
0.386
0.520
0.595
0.665
0.840
0.978
1.200
1.500
1.710
2.240
2.440
4.340
DC Resistance
(
Ω Max.)
1.95
1.60
1.40
1.25
1.20
1.10
0.97
0.85
0.80
0.75
0.65
0.57
0.54
0.50
0.43
0.41
0.36
0.33
0.31
0.28
0.23
0.18
Rated Current
(Amps Max.)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH5D28 Type)
2.6
3.0
4.2
5.3
6.2
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
Inductance
(µH)
0.018
0.024
0.031
0.038
0.045
0.053
0.065
0.076
0.103
0.110
0.122
0..175
0.189
0.212
0.260
0.305
0.355
0.463
DC Resistance
(
Ω Max.)
2.60
2.40
2.20
1.90
1.80
1.60
1.30
1.20
1.10
1.00
0.90
0.85
0.75
0.70
0.62
0.58
0.52
0.46
Rated Current
(Amps Max.)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Test Frequency
(KHz @ 0.1 V)
Part
Number
Part
Number
Part
Number
EPIH4D28-1R2
EPIH4D28-1R8
EPIH4D28-2R2
EPIH4D28-2R7
EPIH4D28-3R3
EPIH4D28-3R9
EPIH4D28-4R7
EPIH4D28-5R6
EPIH4D28-6R8
EPIH4D28-8R2
EPIH4D28-100
EPIH4D28-120
EPIH4D28-150
EPIH4D28-180
EPIH4D28-220
EPIH4D28-270
EPIH4D28-330
EPIH4D28-390
EPIH4D28-680
EPIH4D28-820
EPIH4D28-101
EPIH4D28-121
EPIH4D28-151
EPIH5D18-4R1
EPIH5D18-5R4
EPIH5D18-6R2
EPIH5D18-8R9
EPIH5D18-100
EPIH5D18-120
EPIH5D18-150
EPIH5D18-180
EPIH5D18-220
EPIH5D18-270
EPIH5D18-330
EPIH5D18-390
EPIH5D18-470
EPIH5D18-560
EPIH5D18-680
EPIH5D18-820
EPIH5D18-101
EPIH5D18-121
EPIH5D18-151
EPIH5D18-181
EPIH5D18-221
EPIH5D18-331
EPIH5D28-2R6
EPIH5D28-3R0
EPIH5D28-4R2
EPIH5D28-5R3
EPIH5D28-6R2
EPIH5D28-8R2
EPIH5D28-100
EPIH5D28-120
EPIH5D28-150
EPIH5D28-180
EPIH5D28-220
EPIH5D28-270
EPIH5D28-330
EPIH5D28-390
EPIH5D28-470
EPIH5D28-560
EPIH5D28-680
EPIH5D28-820
4


Similar Part No. - EPIH6D38

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3143KSP56-LF PCA-EPI0L3143KSP56-LF Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3153KSP56L PCA-EPI0L3153KSP56L Datasheet
60Kb / 2P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
More results

Similar Description - EPIH6D38

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com