Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPIH4D18 Datasheet(PDF) 3 Page - PCA ELECTRONICS INC.

Part # EPIH4D18
Description  SMD Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIH4D18 Datasheet(HTML) 3 Page - PCA ELECTRONICS INC.

  EPIH4D18 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIH4D18 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIH4D18 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPIH4D18 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPIH4D18 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPIH4D18 Datasheet HTML 6Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
E L E C T R O N I C S I N C .
SMD Shielded Power Inductors
EPIH Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSPIH
Rev. -
3/6/08
Electrical Characteristics (EPIH3D16 Type)
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
Inductance
(µH)
66
81
91
102
130
140
190
205
272
327
356
470
560
700
755
DC Resistance
(m
Ω Max.)
0.80
0.75
0.68
0.62
0.58
0.51
0.46
0.42
0.38
0.34
0.31
0.28
0.26
0.24
0.21
Isat
(Amps Max.)
2.00
1.75
1.72
1.64
1.30
1.28
1.07
0.98
0.87
0.76
0.66
0.60
0.55
0.47
0.45
Irms
(Amps Typ.)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH3D28 Type)
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
Inductance
(µH)
92
100
113
125
146
176
214
225
304
324
472
539
608
757
882
1130
1269
DC Resistance
(m
Ω Max.)
0.500
0.450
0.400
0.350
0.330
0.290
0.280
0.250
0.230
0.200
0.185
0.172
0.160
0.136
0.124
0.119
0.116
Isat
(Amps Max.)
1.52
1.48
1.44
1.37
1.28
1.18
1.15
1.00
0.81
0.76
0.60
0.58
0.52
0.50
0.48
0.42
0.36
Irms
(Amps Typ.)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH4D18 Type)
1.0
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
Inductance
(µH)
0.045
0.075
0.105
0.110
0.155
0.162
0.170
0.200
0.245
0.200
0.210
0.240
0.338
0.397
0.441
0.694
0.709
0.922
1.080
1.300
1.550
1.730
DC Resistance
(
Ω Max.)
1.72
1.32
1.28
1.04
0.88
0.84
0.80
0.76
0.68
0.61
0.56
0.50
0.48
0.41
0.35
0.32
0.30
0.28
0.26
0.24
0.22
0.20
Rated Current
(Amps Max.)
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
(KHz @ 0.1 V)
Part
Number
Part
Number
Part
Number
EPIH3D16-3R3
EPIH3D16-3R9
EPIH3D16-4R7
EPIH3D16-5R6
EPIH3D16-6R8
EPIH3D16-8R2
EPIH3D16-100
EPIH3D16-120
EPIH3D16-150
EPIH3D16-180
EPIH3D16-220
EPIH3D16-270
EPIH3D16-330
EPIH3D16-390
EPIH3D16-470
EPIH3D28-100
EPIH3D28-120
EPIH3D28-150
EPIH3D28-180
EPIH3D28-220
EPIH3D28-270
EPIH3D28-330
EPIH3D28-390
EPIH3D28-470
EPIH3D28-560
EPIH3D28-680
EPIH3D28-820
EPIH3D28-101
EPIH3D28-121
EPIH3D28-151
EPIH3D28-181
EPIH3D28-221
EPIH4D18-1R0
EPIH4D18-2R2
EPIH4D18-2R7
EPIH4D18-3R3
EPIH4D18-3R9
EPIH4D18-4R7
EPIH4D18-5R6
EPIH4D18-6R8
EPIH4D18-8R2
EPIH4D18-100
EPIH4D18-120
EPIH4D18-150
EPIH4D18-180
EPIH4D18-220
EPIH4D18-270
EPIH4D18-330
EPIH4D18-390
EPIH4D18-470
EPIH4D18-560
EPIH4D18-680
EPIH4D18-820
EPIH4D18-101
3


Similar Part No. - EPIH4D18

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3143KSP56-LF PCA-EPI0L3143KSP56-LF Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3153KSP56L PCA-EPI0L3153KSP56L Datasheet
60Kb / 2P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
More results

Similar Description - EPIH4D18

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com