Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPIH2D14 Datasheet(PDF) 5 Page - PCA ELECTRONICS INC.

Part # EPIH2D14
Description  SMD Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIH2D14 Datasheet(HTML) 5 Page - PCA ELECTRONICS INC.

  EPIH2D14 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIH2D14 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIH2D14 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPIH2D14 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPIH2D14 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPIH2D14 Datasheet HTML 6Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
E L E C T R O N I C S I N C .
SMD Shielded Power Inductors
EPIH Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSPIH
Rev. -
3/6/08
Electrical Characteristics (EPIH5D28 Type)
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
Inductance
(µH)
0.520
0.560
0.680
0.930
1.150
1.560
1.980
2.500
2.700
3.120
4.150
DC Resistance
(
Ω Max.)
0.42
0.40
0.35
0.32
0.30
0.27
0.25
0.22
0.20
0.18
0.16
Rated Current
(Amps Max.)
10
10
10
10
10
10
10
10
10
10
10
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH6D28 Type)
3.0
3.9
5.0
6.0
7.3
8.6
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
Inductance
(µH)
0.024
0.027
0.031
0.035
0.054
0.058
0.065
0.070
0.084
0.095
0.128
0.124
0.165
0.210
0.238
0.277
0.304
0.390
0.535
0.750
0.950
1.200
1.500
1.700
2.150
2.250
3.150
3.750
5.150
DC Resistance
(
Ω Max.)
3.00
2.60
2.40
2.25
2.10
1.85
1.70
1.55
1.40
1.32
1.20
1.05
0.97
0.86
0.80
0.73
0.65
0.60
0.54
0.51
0.47
0.41
0.37
0.33
0.28
0.27
0.21
0.20
0.20
Rated Current
(Amps Max.)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Test Frequency
(KHz @ 0.1 V)
Electrical Characteristics (EPIH6D28 Type)
3.3
5.0
6.2
7.4
8.7
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
Inductance
(µH)
0.020
0.024
0.027
0.031
0.034
0.038
0.053
0.057
0.092
0.096
0.109
0.124
0.138
0.155
0.202
0.234
0.324
0.358
0.470
0.580
0.690
DC Resistance
(
Ω Max.)
3.50
2.90
2.50
2.30
2.20
2.00
1.70
1.60
1.50
1.30
1.20
1.10
1.00
0.95
0.85
0.75
0.65
0.59
0.54
0.49
0.43
Rated Current
(Amps Max.)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Test Frequency
(KHz @ 0.1 V)
Part
Number
Part
Number
Part
Number
EPIH5D28-101
EPIH5D28-121
EPIH5D28-151
EPIH5D28-181
EPIH5D28-221
EPIH5D28-271
EPIH5D28-331
EPIH5D28-391
EPIH5D28-471
EPIH5D28-561
EPIH5D28-681
EPIH6D28-3R0
EPIH6D28-3R9
EPIH6D28-5R0
EPIH6D28-6R0
EPIH6D28-7R3
EPIH6D28-8R6
EPIH6D28-100
EPIH6D28-120
EPIH6D28-150
EPIH6D28-180
EPIH6D28-220
EPIH6D28-270
EPIH6D28-330
EPIH6D28-390
EPIH6D28-470
EPIH6D28-560
EPIH6D28-680
EPIH6D28-820
EPIH6D28-101
EPIH6D28-121
EPIH6D28-151
EPIH6D28-181
EPIH6D28-221
EPIH6D28-271
EPIH6D28-331
EPIH6D28-391
EPIH6D28-471
EPIH6D28-561
EPIH6D28-681
EPIH6D38-3R3
EPIH6D38-5R0
EPIH6D38-6R2
EPIH6D38-7R4
EPIH6D38-8R7
EPIH6D38-100
EPIH6D38-120
EPIH6D38-150
EPIH6D38-180
EPIH6D38-220
EPIH6D38-270
EPIH6D38-330
EPIH6D38-390
EPIH6D38-470
EPIH6D38-560
EPIH6D38-680
EPIH6D38-820
EPIH6D38-101
EPIH6D38-121
EPIH6D38-151
EPIH6D38-181
5


Similar Part No. - EPIH2D14

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3143KSP56-LF PCA-EPI0L3143KSP56-LF Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3153KSP56L PCA-EPI0L3153KSP56L Datasheet
60Kb / 2P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
More results

Similar Description - EPIH2D14

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com