Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7034 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7034
Description  315MHz/434MHz ASK Superheterodyne Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7034 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7034 Datasheet HTML 6Page - Maxim Integrated Products MAX7034 Datasheet HTML 7Page - Maxim Integrated Products MAX7034 Datasheet HTML 8Page - Maxim Integrated Products MAX7034 Datasheet HTML 9Page - Maxim Integrated Products MAX7034 Datasheet HTML 10Page - Maxim Integrated Products MAX7034 Datasheet HTML 11Page - Maxim Integrated Products MAX7034 Datasheet HTML 12Page - Maxim Integrated Products MAX7034 Datasheet HTML 13Page - Maxim Integrated Products MAX7034 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Peak Detector
The peak-detector output (PDOUT), in conjunction with
an external RC filter, creates a DC output voltage equal
to the peak value of the data signal. The resistor pro-
vides a path for the capacitor to discharge, allowing the
peak detector to dynamically follow peak changes of
the data-filter output voltage. For faster data slicer
response, use the circuit shown in Figure 4. For more
details on hysteresis and peak-detector applications,
refer to Maxim Application Note 3671,
Data Slicing
Techniques for UHF ASK Receivers.
Layout Considerations
A properly designed PCB is an essential part of any
RF/microwave circuit. On high-frequency inputs and
outputs, use controlled-impedance lines and keep them
as short as possible to minimize losses and radiation.
At high frequencies, trace lengths that are on the order
of
λ/10 or longer act as antennas.
Keeping the traces short also reduces parasitic induc-
tance. Generally, 1 inch of a PCB trace adds about
20nH of parasitic inductance. The parasitic inductance
can have a dramatic effect on the effective inductance
of a passive component. For example, a 0.5 inch trace
connecting a 100nH inductor adds an extra 10nH of
inductance or 10%.
To reduce the parasitic inductance, use wider traces
and a solid ground or power plane below the signal
traces. Also, use low-inductance connections to ground
on all GND pins, and place decoupling capacitors
close to all VDD connections.
315MHz/434MHz ASK Superheterodyne
Receiver
______________________________________________________________________________________
11
DATA
SLICER
R1
25
DATAOUT
20
DSN
19
DFO
23
DSP
C4
MAX7034
DATA
SLICER
R3
R1
R2
R4
25
DATAOUT
*OPTIONAL
23
DSP
19
DFO
20
DSN
C4
MAX7034
Figure 3. Generating Data Slicer Hysteresis
DATA
SLICER
25k
Ω
25
DATAOUT
20
DSN
19
DFO
26
PDOUT
23
DSP
MAX7034
47nF
Figure 4. Using PDOUT for Faster Startup
Figure 2. Generating Data Slicer Threshold


Similar Part No. - MAX7034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034 Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX7034 MAXIM-MAX7034 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7034AUI MAXIM-MAX7034AUI Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX7034AUI+T MAXIM-MAX7034AUI+T Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
More results

Similar Description - MAX7034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com