Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6640 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX6640
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX6640 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6640 Datasheet HTML 2Page - Maxim Integrated Products MAX6640 Datasheet HTML 3Page - Maxim Integrated Products MAX6640 Datasheet HTML 4Page - Maxim Integrated Products MAX6640 Datasheet HTML 5Page - Maxim Integrated Products MAX6640 Datasheet HTML 6Page - Maxim Integrated Products MAX6640 Datasheet HTML 7Page - Maxim Integrated Products MAX6640 Datasheet HTML 8Page - Maxim Integrated Products MAX6640 Datasheet HTML 9Page - Maxim Integrated Products MAX6640 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Detailed Description
The MAX6640 monitors its own temperature and a
remote diode-connected transistor or the temperatures
of two external diode-connected transistors, which typi-
cally reside on the die of a CPU or other integrated cir-
cuit. The 2-wire serial interface accepts standard
SMBus write byte, read byte, send byte, and receive
byte commands to read the temperature data and pro-
gram the alarm thresholds. Temperature data can be
read at any time over the SMBus, and a programmable
alarm output can be used to generate interrupts, throt-
tle signals, or overtemperature shutdown signals.
The temperature data is also used by the internal dual
PWM fan-speed controller to adjust the speed of up to
two cooling fans, thereby minimizing noise when the
system is running cool, but providing maximum cooling
when power dissipation increases. RPM feedback
allows the MAX6640 to control the fan’s actual speed.
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
6
_______________________________________________________________________________________
GND
SMBus
INTERFACE AND
REGISTERS
LOGIC
PWM
GENERATOR
BLOCK
VCC
TEMPERATURE
PROCESSING
BLOCK
SDA
SCL
DXP1
DXN
PWM1
PWM2
TACH1
TACH2
DXP2
OT
THERM
FANFAIL
ALERT
MAX6640
Block Diagram
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
Slave Address: equiva-
lent to chip-select line of
a 3-wire interface
Command Byte: selects which
register you are writing to
Data Byte: data goes into the register
set by the command byte (to set
thresholds, configuration masks, and
sampling rate)
Slave Address: equiva-
lent to chip-select line
Command Byte: selects
which register you are
reading from
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
Command Byte: sends com-
mand with no data, usually
used for one-shot command
Data Byte: reads data from
the register commanded
by the last Read Byte or
Write Byte transmission;
also used for SMBus Alert
Response return address
S = Start condition
Shaded = Slave transmission
P = Stop condition
/// = Not acknowledged
Figure 1. SMBus Protocols
S
ADDRESS
RD
ACK
DATA
///
P
7 bits
8 bits
WR
S
ACK
COMMAND
ACK
P
8 bits
ADDRESS
7 bits
P
1
ACK
DATA
8 bits
ACK
COMMAND
8 bits
ACK
WR
ADDRESS
7 bits
S
S
ADDRESS
WR
ACK
COMMAND
ACK
S
ADDRESS
7 bits
8 bits
7 bits
RD
ACK
DATA
8 bits
///
P


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn