Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX6640 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX6640
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6640 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C.)
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
1
2
3
4
5
6
7
8
9
10
0
3.0
5.5
OPERATING SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
300
400
500
600
700
800
200
3.0
5.5
REMOTE TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
-1
0
1
2
-2
0125
FAIRCHILD 2N3906
LOCAL TEMPERATURE ERROR
vs. DIE TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
-0.5
-1.0
-1.5
0
0.5
1.0
-2.0
0125
LOCAL TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
1
10
100k
VIN = 250mVP-P SQUARE WAVE APPLIED TO
VCC WITH NO BYPASS CAPACITOR
REMOTE TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0.1
1
10
100k
VIN = AC-COUPLED TO DXP AND DXN
VIN = 100mVP-P SQUARE WAVE
REMOTE TEMPERATURE ERROR
vs. DIFFERENTIAL NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
10
100k
VIN = AC-COUPLED TO DXP
VIN = 100mVP-P SQUARE WAVE
TEMPERATURE ERROR
vs. DXP-DXN CAPACITANCE
DXP-GND CAPACITANCE (nF)
10
1
-5.0
-4.0
-3.0
-2.0
-1.0
0
1.0
2.0
-6.0
0.1
100
REMOTE TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
10
100k
VIN = 250mVP-P SQUARE WAVE APPLIED TO
VCC WITH NO BYPASS CAPACITOR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn