Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6640 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX6640
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX6640 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX6640 Datasheet HTML 13Page - Maxim Integrated Products MAX6640 Datasheet HTML 14Page - Maxim Integrated Products MAX6640 Datasheet HTML 15Page - Maxim Integrated Products MAX6640 Datasheet HTML 16Page - Maxim Integrated Products MAX6640 Datasheet HTML 17Page - Maxim Integrated Products MAX6640 Datasheet HTML 18Page - Maxim Integrated Products MAX6640 Datasheet HTML 19Page - Maxim Integrated Products MAX6640 Datasheet HTML 20Page - Maxim Integrated Products MAX6640 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
4-Wire Fans
Some fans have an additional, fourth terminal that
accepts a logic-level PWM speed-control signal as
shown in Figure 10. These fans require no external
power circuitry and combine the low noise of linear
drive with the high efficiency of PWM power-supply
drive. Higher PWM frequencies are recommended
when using 4-wire fans.
Quick-Start Guide for 8000RPM 4-Pole
(2 Pulses per Revolution) Fan in Automatic
RPM Mode Using the Circuit of Figure 7
1) Write 02h to register 11h to set the PWM output to
drive the n-channel MOSFET.
2) Write 4Bh to register 22h to set the minimum RPM to
3200.
3) Write 5Eh to register 24h to set the pulses per revo-
lution to 2 and to set the maximum RPM speed to
8000RPM.
4) Write 19h to register 28h to set the fan-start temper-
ature to +25°C.
5) Write 6Ah to register 10h to start automatic
RPM mode.
Remote-Diode Considerations
Temperature accuracy depends upon having a good-
quality, diode-connected, small-signal transistor.
Accuracy has been experimentally verified for all the
devices listed in Table 11. The MAX6640 can also
directly measure the die temperature of CPUs and
other ICs with on-board temperature-sensing diodes.
The transistor must be a small-signal type with a rela-
tively high forward voltage. This ensures that the input
voltage is within the A/D input voltage range. The for-
ward voltage must be greater than 0.25V at 10µA at the
highest expected temperature. The forward voltage
must be less than 0.95V at 100µA at the lowest expect-
ed temperature. The base resistance has to be less
than 100
Ω. Tight specification of forward-current gain
(+50 to +150, for example) indicates that the manufac-
turer has good process control and that the devices
have consistent characteristics.
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
______________________________________________________________________________________
17
VCC
PWM1
4.7k
4.7k
TACH1
3V TO 5.5V
3V TO 5.5V
TACH
OUTPUT
VFAN
(5V OR 12V)
Figure 10. 4-Wire Fan with PWM Speed-Control Input
VCC
PWM1
4.7k
4.7k
TACH1
3V TO 5.5V
TACH
OUTPUT
VFAN
(12V OR 5V)
5V
Figure 8. High-Side PWM Drive with “Keep-Alive” Supply
VCC
PWM1
TACH1
4.7k
3V TO 5V
4.7k
100k
91k
33k
100k
3.3V
2N3904
2.2
µF
10
µF
TACH
OUTPUT
VFAN
(5V OR 12V)
TACH OUTPUT
Figure 9. High-Side Linear Drive Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn