Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6640 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part No. MAX6640
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX6640 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6640 Datasheet HTML 9Page - Maxim Integrated Products MAX6640 Datasheet HTML 10Page - Maxim Integrated Products MAX6640 Datasheet HTML 11Page - Maxim Integrated Products MAX6640 Datasheet HTML 12Page - Maxim Integrated Products MAX6640 Datasheet HTML 13Page - Maxim Integrated Products MAX6640 Datasheet HTML 14Page - Maxim Integrated Products MAX6640 Datasheet HTML 15Page - Maxim Integrated Products MAX6640 Datasheet HTML 16Page - Maxim Integrated Products MAX6640 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
• D5: SMBus Timeout Disable. Writing a zero enables
SMBus timeout for prevention of bus lockup. When
the timeout function is enabled, the SMBus interface
is reset if SDA or SCL remains low for more than
74ms (typ).
• D4: Temperature Channel 2 Source. Selects either
local or remote 2 as the source for temperature chan-
nel 2 register data. Writing a zero to this bit selects
remote 2 for temperature channel 2.
Extended Temperature Registers (05h and 06h)
These registers contain the extended temperature data
from channels 1 and 2. Bits D[7:5] contain the 3 LSBs
of the temperature data. The bit values are 0.5°C,
0.25°C, and 0.125°C. When bit 0 is set to 1, a diode
fault has been detected.
Channel 1 and Channel 2
ALERT, OT, and THERM
Limits (08h Through 0Dh)
These registers contain the temperatures above which
the ALERT, THERM, and OT status bits set and outputs
assert (for the temperature channels that are not
masked). The data format is the same as that of the
channel 1 and channel 2 temperature registers: the
LSB weight is +1°C and the MSB is +128°C.
Fan 1 and 2 Configuration 1 (10h and 14h)
The following registers control the modes of operation
of the MAX6640:
• D7: PWM Mode. D7 = 1 sets the fan into manual
PWM duty-cycle control mode. Write the target duty
cycle in the fan duty-cycle register. D7 = 0 puts the
fan into RPM control mode. To set RPM manually, set
both fan-control temperature channels (bits D2 and
D3) to zero and write the desired tachometer count
into the TACH count register.
• D[6:4]: Fan Duty-Cycle Rate-of-Change. D[6:4]
sets the time between increments of the duty cycle.
Each increment is 1/120 of the duty cycle. By adjust-
ing the rate of change, audibility of fan-speed
changes can be traded for response time. Table 4
shows the effect of D[6:4] and, for reference, the time
required for the fan speed to change from 33% to
100% duty cycle as a function of the rate-of-change
bits.
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
______________________________________________________________________________________
13
READ/
WRITE
REGISTER
NO.
ADDRESS
POR
STATE
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
W
26h
0011
1100
Fan 1 target
duty cycle
MSB
——
————
LSB
R
27h
0000
0000
Fan 2 current
duty cycle
MSB
——
————
LSB
W
27h
0011
1100
Fan 2 target
duty cycle
MSB
——
————
LSB
R/W
28h
0100
000
Channel 1
minimum
fan-start
temperature
MSB
——
————
LSB
R/W
29h
0100
0000
Channel 2
minimum
fan-start
temperature
MSB
——
————
LSB
R
3Dh
0101
1000
Read device
ID
010
11000
R
3Eh
0100
1101
Read
manufacturer
ID
010
01101
R
3Fh
0000
0000
Read device
revision
000
00000
Table 3. Register Map (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn