Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX6640 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX6640
Description  2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6640 Datasheet(HTML) 12 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
2-Channel Temperature Monitor with Dual
Automatic PWM Fan-Speed Controller
12
______________________________________________________________________________________
READ/
WRITE
REGISTER
NO.
ADDRESS
POR
STATE
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
R/W
12h
0000
0000
Fan 1
configuration
2b
RPM step-
size B
(MSB)
RPM step-
size B
RPM step-
size B
RPM
step-size
B (LSB)
Start
step-size
B (MSB)
Start
step-size
B
Start step-
size B
Start step-
size B (LSB)
R/W
13h
0100
0001
Fan 1
configuration
3
Spin-up
disable
THERM to
full-speed
enable
Pulse
stretching
disable
Reserved Reserved Reserved
Fan PWM
frequency
(MSB)
Fan PWM
frequency
(LSB)
R/W
14h
1000
0010
Fan 2
configuration
1
PWM
mode
Rate of
change
(MSB)
Rate of
change
Rate of
change
(LSB)
Fan 2
channel 1
control
Fan 2
channel 2
control
RPM
range
select
RPM range
select
R/W
15h
0000
0000
Fan 2
configuration
2a
RPM step-
size A
(MSB)
RPM step-
size A
RPM step-
size A
RPM
step-size
A (LSB)
Temp
step-size
A (MSB)
Temp
step-size
A (LSB)
PWM
100%
duty
cycle
Minimum fan
speed
0 = 0%, 1=
value in 22h
R/W
16h
0000
0000
Fan 2
configuration
2b
RPM step-
size B
(MSB)
RPM step-
size B
RPM step-
size B
RPM
step-size
B (LSB)
Start
step-size
B (MSB)
Start
step-size
B
Start step-
size B
Start step-
size B (LSB)
R/W
17h
0100
0001
Fan 2
configuration
3
Spin-up
disable
THERM to
full-speed
enable
Pulse
stretching
disable
Reserved Reserved Reserved
Fan PWM
frequency
(MSB)
Fan PWM
frequency
(LSB)
R
20h
1111
1111
Fan 1
tachometer
count
MSB
LSB
R
21h
1111
1111
Fan 2
tachometer
count
MSB
LSB
R/W
22h
1111
1111
Fan 1 max
tach count/
target tach
count
MSB
LSB
R/W
23h
1111
1111
Fan 2 max
tach count/
target tach
count
MSB
LSB
R/W
24h
0100
0000
Pulses per
revolution/
fan 1
minimum
tach count
Pulse per
revolution
(MSB)
Pulse per
revolution
(LSB)
Fan 1 min
tach count
(MSB)
Fan 1 min
tach
count
Fan 1 min
tach
count
Fan 1 min
tach
count
Fan 1 min
tach
count
Fan 1 min
tach count
(LSB)
R/W
25h
0100
0000
Pulses per
revolution/
fan 2
minimum
tach count
Pulse per
revolution
(MSB)
Pulse per
revolution
(LSB)
Fan 2 min
tach count
(MSB)
Fan 2 min
tach
count
Fan 2 min
tach
count
Fan 2 min
tach
count
Fan 2 min
tach
count
Fan 2 min
tach count
(LSB)
R
26h
0000
0000
Fan 1 current
duty cycle
MSB
LSB
Table 3. Register Map (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn