Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

443AH009NF18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 443AH009NF18
Description  Submersible EMI/RFI Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

443AH009NF18 Datasheet(HTML) 1 Page - Glenair, Inc.

  443AH009NF18 Datasheet HTML 1Page - Glenair, Inc. 443AH009NF18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 443 - Page 2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order
Length 2.5 inch
STYLE 2
(45° & 90°
See Note 1)
.88 (22.4)
Max
Band Option
(K Option Shown -
See Note 4)
443-009
Submersible EMI/RFI Cable Sealing Backshell
Band-in-a-Can with Strain-Relief
Rotatable Coupling - Standard Profile
443 F S 009 NF 16 12-8 H K P
Product Series
Connector Designator
Angle and Profile
H = 45°
J = 90°
S = Straight
Basic Part No.
Finish (Table II)
Shell Size (Table I)
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Strain Relief Style
(H, A, M, D, Tables X & XI)
Length: S only
(1/2 inch increments,
e.g. 8 = 4.000 inches)
Dash No. (Table IV)
A Thread
(Table I)
J (Table IV)
C Typ.
(Table I)
1.25
(31.8)
Max
* Length ± .060 (1.52)
Min. Order Length 2.0 inch
(Consult factory for shorter lengths)
O-Rings
Length*
F (Table III)
E
(Table III)
G
(Table III)
H
(Table III)
Termination Area
Free of Cadmium
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
Now Available
with the “NESTOR”
Add “-445” to Specify
Non-Detent Self-
Locking Coupling. See
Page 41 for Details.


Similar Part No. - 443AH009NF18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
443AH010NF08 GLENAIR-443AH010NF08 Datasheet
97Kb / 2P
   EMI/RFI Cable Sealing Backshell
443AH010NF10 GLENAIR-443AH010NF10 Datasheet
97Kb / 2P
   EMI/RFI Cable Sealing Backshell
443AH010NF12 GLENAIR-443AH010NF12 Datasheet
97Kb / 2P
   EMI/RFI Cable Sealing Backshell
443AH010NF14 GLENAIR-443AH010NF14 Datasheet
97Kb / 2P
   EMI/RFI Cable Sealing Backshell
443AH010NF16 GLENAIR-443AH010NF16 Datasheet
97Kb / 2P
   EMI/RFI Cable Sealing Backshell
More results

Similar Description - 443AH009NF18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
443FM009NF08 GLENAIR-443FM009NF08 Datasheet
102Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
390AH058M08 GLENAIR-390AH058M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
390AA006M08 GLENAIR-390AA006M08 Datasheet
104Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA007M08 GLENAIR-390AA007M08 Datasheet
114Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM058M08 GLENAIR-390AM058M08 Datasheet
72Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA057M08 GLENAIR-390AA057M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM053M08 GLENAIR-390AM053M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH053M08 GLENAIR-390AH053M08 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com