Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2837ETM+TD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2837ETM+TD
Description  2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2837ETM+TD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2837ETM+TD Datasheet HTML 1Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 2Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 3Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 4Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 5Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 6Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 7Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 8Page - Maxim Integrated Products MAX2837ETM+TD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2.3GHz to 2.7GHz Wireless
Broadband RF Transceiver
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC OUTPUTS: DOUT
Digital Output-Voltage High, VOH
Sourcing 100µA
VCC -
0.4
V
Digital Output-Voltage Low, VOL
Sinking 100µA
0.4
V
DC ELECTRICAL CHARACTERISTICS (continued)
(MAX2837 evaluation kit: VCC_ = 2.7V to 3.6V, Rx set to the maximum gain; CS = high, RXHP = SCLK = DIN = low, RSSI and clock output
buffer are off, no signal at RF inputs, all RF inputs and outputs terminated into 50Ω, receiver baseband outputs are open; 90mVRMS dif-
ferential I and Q signals applied to I, Q baseband inputs of transmitter in transmit mode, fREF = 40MHz, registers set to recommended
settings and corresponding test mode, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 2.8V, fLO = 2.5GHz,
and TA = +25°C, unless otherwise noted.) (Note 1)
AC ELECTRICAL CHARACTERISTICS—Rx MODE
(MAX2837 evaluation kit: VCC_ = 2.8V, fRF = 2.502GHz, fLO = 2.5GHz; receiver baseband I/Q outputs at 90mVRMS
(-21dBV), fREF = 40MHz, ENABLE = RXENABLE = CS = high, TXENABLE = SCLK = DIN = low, with power matching for the differential RF
pins using the typical applications and registers set to default settings and corresponding test mode, TA = +25°C, unless otherwise noted.
Lowpass filter is set to 10MHz RF channel BW. Unmodulated single-tone RF input signal is used, unless otherwise indicated.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER SECTION: LNA RF INPUT TO BASEBAND I/Q OUTPUTS
RF Input Frequency Range
2.3
2.7
GHz
Peak-to-Peak Gain Variation over
RF Input Frequency Range
Tested at band edges and band center
0.8
dB
RF Input Return Loss
All LNA gain settings
13
dB
Maximum gain, B7:B1 = 0000000
90
99
Total Voltage Gain
TA = -40°C to +85°C
Minimum gain, B7:B1 = 1111111
5
13
dB
From max RF gain to max RF gain - 8dB
8
From max RF gain to max RF gain - 16dB
16
RF Gain Steps
From max RF gain to max RF gain - 32dB
32
dB
Any RF or baseband gain change; gain settling to within
±1dB of steady state; RXHP = 1
0.2
Gain Change Settling Time
Any RF or baseband gain change; gain settling to within
±0.1dB of steady state; RXHP = 1
2
µs
Baseband Gain Range
From maximum baseband gain (B5:B1 = 00000) to
minimum baseband gain (B5:B1 = 11111),
TA = -40°C to +85°C
58
62
66
dB
Baseband Gain Minimum
Step Size
2dB
Voltage gain ≥ 65dB with max RF gain (B7:B6 = 00)
2.3
Voltage gain = 50dB with max RF gain - 8dB
(B7:B6 = 01)
5.5
Voltage gain = 45dB with max RF gain - 16dB
(B7:B6 = 10)
17
DSB Noise Figure
Voltage gain = 15dB with max RF gain - 32dB
(B7:B6 = 11)
27
dB


Similar Part No. - MAX2837ETM+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837ETM+TD MAXIM-MAX2837ETM+TD Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
More results

Similar Description - MAX2837ETM+TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Renesas Technology Corp
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com