Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2634AXT+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2634AXT+
Description  315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2634AXT+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2634AXT+ Datasheet HTML 1Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 2Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 3Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 4Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 5Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 6Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 7Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
315MHz/433MHz Low-Noise
Amplifier for Automotive RKE
_______________________________________________________________________________________
5
Detailed Description
The MAX2634 LNA with low-power shutdown mode is
optimized for 308MHz, 315MHz, 418MHz, and 433MHz
automotive RKE applications, which are required to
operate over the -40°C to +125°C automotive tempera-
ture range. The device reduces component count by
integrating the output matching and DC-blocking com-
ponents, and only requires a single inductor to match
the input for best noise figure and input return loss. An
integrated logic-controlled low-power shutdown mode
reduces power consumption to 0.1µA and replaces the
two transistors typically required to implement the shut-
down function in discrete-based RKE LNA solutions.
Input Matching
The MAX2634 requires an off-chip input matching net-
work. The
Functional Diagram/Typical Operating Circuit
shows the recommended input-matching network com-
ponent values for operation at 315MHz and 433MHz.
These values are optimized for the best simultaneous
gain, noise figure, and return loss performance. Table 1
lists typical input and output impedances.
Pin Description
PIN
NAME
FUNCTION
1, 3
GND
Ground. Use minimum path to ground plane to minimize inductance.
2
SHDN
Shutdown Input. A logic-level high enables the LNA, and a logic-level low disables the LNA.
4
RFIN
RF Input. Requires an inductor to match the input for best noise figure and return loss. A DC-blocking
capacitor is required if the RFIN input will see a DC voltage or ground. See the Functional
Diagram/Typical Operating Circuit.
5
VCC
Supply Voltage. Bypass to ground with a 0.01µF capacitor as close as possible to the pin.
6
RFOUT
RF Output. Internally matched to 50
and incorporates an internal DC-blocking capacitor.
INPUT IMPEDANCE
OUTPUT IMPEDANCE
FREQUENCY (MHz)
RX
R
X
100
58
-438
92
-94
200
43
-216
92.1
-50
308
29
-139
91.2
-35.8
315
29.4
-137
91
-35
418
29.2
-101
90.5
-30
434
28.5
-96
89.5
-29.3
500
26.4
-83
91
-28.2
600
26.7
-69
87.5
-27.3
Table 1. Typical Input and Output Impedances in R+jX Format
(VCC = +3.0V, TA = +25°C.)


Similar Part No. - MAX2634AXT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2634AXT++ MAXIM-MAX2634AXT+ Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
More results

Similar Description - MAX2634AXT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2634 MAXIM-MAX2634_V01 Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX2634EVKIT MAXIM-MAX2634EVKIT Datasheet
164Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Rev 1; 3/09
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
   Automotive Remote Keyless Entry (RKE)
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX2181 MAXIM-MAX2181 Datasheet
1Mb / 10P
   FM Automotive Low-Noise Amplifier
Rev 0; 12/12
MAX2181A MAXIM-MAX2181A Datasheet
1Mb / 9P
   FM Automotive Low-Noise Amplifier
Rev 0; 2/13
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com