Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2634AXT+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2634AXT+
Description  315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2634AXT+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2634AXT+ Datasheet HTML 1Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 2Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 3Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 4Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 5Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 6Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 7Page - Maxim Integrated Products MAX2634AXT+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
315MHz/433MHz Low-Noise
Amplifier for Automotive RKE
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fRFIN = 315MHz
TA = +25
°C
12.5
15.5
Power Gain
TA = -40
°C to +125°C, VCC = +3.0V
11.5
dB
Noise Figure
TA = +25
°C
1.25
dB
Input Third-Order Intercept Point
(Note 3)
-16
dBm
Input 1dB Compression Point
-29
dBm
Input Return Loss
10
dB
Output Return Loss
8dB
Reverse Isolation
60
dB
fRFIN = 433.92MHz
TA = +25
°C (Note 4)
11
13.5
Power Gain
TA = -40°C to +125°C, VCC = +3.0V (Note 4)
10
dB
Noise Figure
TA = +25°C
1.25
dB
Input Third-Order Intercept Point
(Note 3)
-12
dBm
Input 1dB Compression Point
-26
dBm
Input Return Loss
11
dB
Output Return Loss
8dB
Reverse Isolation
60
dB
AC ELECTRICAL CHARACTERISTICS
(MAX2634 EV Kit, VCC = +2.2V to +5.5V, TA = -40°C to +125°C. Typical values are at VCC = +3.0V and TA = +25°C, unless otherwise
noted. PRFIN = -40dBm, SHDN = high.) (Note 2)
Note 2: Guaranteed by production test at TA = +25°C. Guaranteed by design and characterization at TA = -40°C and TA = +125°C.
Note 3: Measured with two tones located at 315MHz and 316MHz or 433MHz and 434MHz at -40dBm/tone.
Note 4: Guaranteed by design and characterization.
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.2
3.3
4.4
5.5
1.5
2.0
2.5
3.0
3.5
4.0
TA = -40
°C
TA = +25
°C
TA = +125
°C
S11, S22, S21 vs. FREQUENCY
(315MHz)
FREQUENCY (MHz)
200
300
400
500
600
-20
-15
-10
-5
0
5
10
15
20
S22
S21
S11
S11, S22, S21 vs. FREQUENCY
(433MHz)
FREQUENCY (MHz)
200
300
400
500
600
-20
-15
-10
-5
0
5
10
15
20
S11
S22
S21
Typical Operating Characteristics
(MAX2634 EV Kit, VCC = +2.2V to +5.5V, TA = -40°C to +125°C. Typical values are at VCC = +3.0V and TA = +25°C, unless otherwise
noted. fRFIN = 315MHz/433MHz, PRFIN = -40dBm, SHDN = high.)


Similar Part No. - MAX2634AXT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2634AXT++ MAXIM-MAX2634AXT+ Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
More results

Similar Description - MAX2634AXT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2634 MAXIM-MAX2634_V01 Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX2634EVKIT MAXIM-MAX2634EVKIT Datasheet
164Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Rev 1; 3/09
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
   Automotive Remote Keyless Entry (RKE)
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX2181 MAXIM-MAX2181 Datasheet
1Mb / 10P
   FM Automotive Low-Noise Amplifier
Rev 0; 12/12
MAX2181A MAXIM-MAX2181A Datasheet
1Mb / 9P
   FM Automotive Low-Noise Amplifier
Rev 0; 2/13
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com