Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2634 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2634
Description  315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2634 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX2634 Datasheet HTML 1Page - Maxim Integrated Products MAX2634 Datasheet HTML 2Page - Maxim Integrated Products MAX2634 Datasheet HTML 3Page - Maxim Integrated Products MAX2634 Datasheet HTML 4Page - Maxim Integrated Products MAX2634 Datasheet HTML 5Page - Maxim Integrated Products MAX2634 Datasheet HTML 6Page - Maxim Integrated Products MAX2634 Datasheet HTML 7Page - Maxim Integrated Products MAX2634 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
315MHz/433MHz Low-Noise
Amplifier for Automotive RKE
6
_______________________________________________________________________________________
RF Input Coupling Capacitor
Input IP3 vs. Enable Time
The value of the coupling capacitor affects input IP3
and turn-on time. A larger coupling capacitor results in
higher input IP3 at the expense of longer turn-on time.
See Table 3 for the typical amount of trade-off.
Integrated Output Matching
Network and DC-Block
The MAX2634 integrates the output matching network
and DC-block, eliminating the need for external match-
ing components while providing a broadband match.
See the
Functional Diagram/Typical Operating Circuit
for component values.
Shutdown
The MAX2634 features a shutdown pin to disable the
entire chip. Apply a logic-high to the SHDN pin to place
the part in the active mode, and a logic-low to place the
part in the shutdown mode.
Power-Supply Bypassing
Bypassing the VCC line is necessary for optimum
gain/linearity performance. See the
Functional
Diagram/Typical Operating Circuit for bypassing
capacitor values.
Layout Information
A properly designed PCB is essential to any RF/
microwave circuit. Use controlled-impedance lines on
all high-frequency inputs and outputs. Bypass with
decoupling capacitors located close to the device’s
VCC pin. For long VCC lines, it may be necessary to add
additional decoupling capacitors. These additional
capacitors can be located farther away from the device
package. Proper grounding of the GND pins is essen-
tial. If the PCB uses a topside RF ground, connect it
directly to all GND pins. For a board where the ground
plane is not on the component layer, the best technique
is to connect the GND pins to the board with a plated
through-hole located close to the package.
FREQUENCY
(MHz)
FMIN
(dB)
|
ΓOPT|
|
ΓOPT|
ANGLE
RN (
Ω)
308
0.64
0.50
27.0
9.78
315
0.65
0.49
27.7
9.78
418
0.78
0.44
37.4
9.87
434
0.80
0.44
38.9
9.88
INPUT DC-BLOCKING
CAPACITOR,
C1 (nF)
ENABLE
TIME
(µs)
INPUT IP3 AT
315MHz
(dBm)
1
6
-19
3.3
20
-14
22
130
-12
100
600
-11
1000
6000
-11
Table 2. MAX2634 Typical Noise
Parameters
(VCC = +3.0V, TA = +25°C.)
Table 3. RF Input Coupling Capacitor
Input IP3 vs. Enable Time
Chip Information
PROCESS: SiGe BiCMOS


Similar Part No. - MAX2634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2634AXT++ MAXIM-MAX2634AXT+ Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX2634AXT/V++ MAXIM-MAX2634AXT/V+ Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX2634EVKIT MAXIM-MAX2634EVKIT Datasheet
164Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Rev 1; 3/09
MAX2634 MAXIM-MAX2634_V01 Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
More results

Similar Description - MAX2634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2634 MAXIM-MAX2634_V01 Datasheet
634Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
2015
MAX2634EVKIT MAXIM-MAX2634EVKIT Datasheet
164Kb / 8P
   315MHz/433MHz Low-Noise Amplifier for Automotive RKE
Rev 1; 3/09
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
   Automotive Remote Keyless Entry (RKE)
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX2181 MAXIM-MAX2181 Datasheet
1Mb / 10P
   FM Automotive Low-Noise Amplifier
Rev 0; 12/12
MAX2181A MAXIM-MAX2181A Datasheet
1Mb / 9P
   FM Automotive Low-Noise Amplifier
Rev 0; 2/13
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com