Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2042 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2042
Description  SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2042 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2042 Datasheet HTML 2Page - Maxim Integrated Products MAX2042 Datasheet HTML 3Page - Maxim Integrated Products MAX2042 Datasheet HTML 4Page - Maxim Integrated Products MAX2042 Datasheet HTML 5Page - Maxim Integrated Products MAX2042 Datasheet HTML 6Page - Maxim Integrated Products MAX2042 Datasheet HTML 7Page - Maxim Integrated Products MAX2042 Datasheet HTML 8Page - Maxim Integrated Products MAX2042 Datasheet HTML 9Page - Maxim Integrated Products MAX2042 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SiGe High-Linearity, 2000MHz to 3000MHz
Upconversion/Downconversion Mixer with LO Buffer
6 ______________________________________________________________________________________
Note 5: Not production tested.
Note 6: Operation outside this range is possible, but with degraded performance of some parameters. See the Typical Operating
Characteristics.
Note 7: All limits reflect losses of external components, including a 0.5dB loss at fIF = 300MHz due to the 1:1 impedance trans-
former. Output measurements were taken at IF outputs of the Typical Application Circuit.
Note 8: 100% production tested for functional performance.
Note 9: Measured with external LO source noise filtered so that the noise floor is -174dBm/Hz. This specification reflects the effects
of all SNR degradations in the mixer including the LO noise, as defined in Application Note 2021: Specifications and
Measurement of Local Oscillator Noise in Integrated Circuit Base Station Mixers.
Note 10: Maximum reliable continuous input power applied to the RF port of this device is +20dBm from a 50I source.
+3.3V SUPPLY AC ELECTRICAL CHARACTERISTICS
(UPCONVERTER OPERATION)
(Typical Application Circuit with tuning elements outlined in Table 2, RF and LO ports are driven from 50I sources. Typical values
are for TC = +25NC, VCC = +3.3V, PIF = 0dBm, PLO = 0dBm, fRF = 2600MHz, fLO = 2400MHz, fIF = 200MHz, unless otherwise
noted.) (Note 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal Conversion Loss
LC
6.8
dB
Loss Variation vs. Frequency
D
LC
fRF = 2300MHz to 2900MHz, any 100MHz
band
0.15
dB
Conversion Loss Temperature
Coefficient
TCCL
TC = -40NC to +85NC
0.008
dB/NC
Input 1dB Compression Point
IP1dB
(Note 10)
19
dBm
Third-Order Input Intercept Point
IIP3
fIF1 = 200MHz, fIF2 = 201MHz,
PIF1 = PIF2 = 0dBm/tone
29.5
dBm
IIP3 Variation with TC
fIF1 = 200MHz, fIF2 = 201MHz,
PIF1 = PIF2 = 0dBm/tone, fLO = 2400MHz,
PLO = 0dBm, TC = -40NC to +85NC
Q
0.75
dB
LO Q 2IF Spur Rejection
1 x 2
LO - 2IF
72
dBc
LO + 2IF
70
LO Q 3IF Spur Rejection
1 x 3
LO - 3IF
73
dBc
LO + 3IF
70
Output Noise Floor
POUT = 0dBm (Note 9)
-160
dBm/Hz


Similar Part No. - MAX2042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429 MAXIM-MAX20429 Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX20429AAFNA MAXIM-MAX20429AAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429CAFNA MAXIM-MAX20429CAFNA Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
   Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
More results

Similar Description - MAX2042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com