Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPICL322513 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPICL322513
Description  Multilayer Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPICL322513 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPICL322513 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPICL322513 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPICL322513 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPICL322513 Datasheet HTML 4Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E L E C T R O N I C S I N C .
Multilayer Chip Inductors
EPICL Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Applications :
Mother Boards, CD ROM, Hard Disk Drivers,
Wireless Phones, Pagers and other similar devices
Specifications :
Operating/Storage Temperature : -55°C to +125°C
Terminal : Ag/Ni/Sn
Material : Ferrite
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSICL
Rev. -
3/26/08 MH
Package Dimensions
.062 ± .008
(1.60 ± .200)
.079 ± .008
(2.00 ± .200)
.079 ± .008
(2.00 ± .200)
.126 ± .008
(3.20 ± .200)
.126 ± .008
(3.20 ± .200)
A
Inches
(mm)
.031 ± .006
(.800 ± .200)
.047 ± .008
(1.20 ± .200)
.047 ± .008
(1.20 ± .200)
.062 ± .008
(1.60 ± .200)
.098 ± .008
(2.50 ± .200)
B
Inches
(mm)
EPICL160808
EPICL201209
EPICL201212
EPICL321611
EPICL322513
Type
.031 ± .006
(.800 ± .200)
.035 ± .008
(.900 ± .200)
.047 ± .008
(1.20 ± .200)
.043 ± .008
(1.10 ± .200)
.051 ± .011
(1.30 ± .300)
C
Inches
(mm)
.011 ± .011
(.300 ± .300)
.020 ± .011
(.500 ± .300)
.020 ± .011
(.500 ± .300)
.020 ± .011
(.500 ± .300)
.020 ± .011
(.500 ± .300)
D
Inches
(mm)
Shape and Dimension
A
C
Terminal Electrode
D
D
B
Ferrite
D ± .020 (.500)
B ± .039 (1.00)
C ± .039 (1.00)
A ±
.079 (2.00)
Tape Dimensions
EPICL160808
EPICL201209
EPICL201212
EPICL321611
EPICL322513
Type
.042
(1.08)
.056
(1.42)
.059
(1.50)
.076
(1.94)
.110
(2.80)
A
Inches
(mm)
.074
(1.15)
.088
(2.24)
.090
(2.30)
.139
(3.54)
.135
(3.42)
B
Inches
(mm)
.041
(1.05)
.040
(1.04)
.063
(1.60)
.051
(1.29)
.065
(1.64)
T
Inches
(mm)
W
Inches
(mm)
.315
(8.00)
.315
(8.00)
.315
(8.00)
.315
(8.00)
.315
(8.00)
.157
(4.00)
.157
(4.00)
.157
(4.00)
.157
(4.00)
.157
(4.00)
P
Inches
(mm)
.138
(3.50)
.138
(3.50)
.138
(3.50)
.138
(3.50)
.138
(3.50)
F
Inches
(mm)
.008
(.200)
.008
(.200)
.008
(.200)
.008
(.200)
.008
(.200)
K
Inches
(mm)
P
± .004
(± .100)
A
± .004
(± .100)
F
± .002
(± .050)
W
± .008
(± .200)
.079
± .002
(2.00
± .050)
.157 ± .004
(4.00 ± .100)
T
± .002
(± .050)
K
± .002
(± .050)
B ± .004
(± .100)
.689
± .004
(17.50
± .100)
Reel Dimensions
7.00
(178)
7.00
(178)
7.00
(178)
7.00
(178)
7.00
(178)
A
Inches
(mm)
2.95
(75)
2.95
(75)
2.95
(75)
2.95
(75)
2.95
(75)
B
Inches
(mm)
EPICL160808
EPICL201209
EPICL201212
EPICL321611
EPICL322513
Type
0.492
(12.5)
0.492
(12.5)
0.492
(12.5)
0.492
(12.5)
0.492
(12.5)
C
Inches
(mm)
D
Inches
(mm)
0.078
(2)
0.078
(2)
0.078
(2)
0.078
(2)
0.078
(2)
Chip/Reel
Quantity
4000
4000
2000
3000
2500
1
.078 ± .019
(2.00 ± .500)
.512 ± .019
(13.00 ± .500)
.827 ± .031
(21.00 ± .800)
.039
(1.00)
Product Identification
Tolerance
Inductance
Dimensions
Product Code
EPICL
: Inductance Tolerance (G = 2%, J = 5%, K = 10%, M = 20%)


Similar Part No. - EPICL322513

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EPIC VISHAY-EPIC Datasheet
86Kb / 3P
   Electro-Pyrotechnic Initiator Chip Resistor
Revision: 03-Nov-08
logo
AAEON Technology
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
   Onboard AMD Geode??LX 800 Processor 500 MHz
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
   Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
More results

Similar Description - EPICL322513

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com