Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1562 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1562
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1562 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1562 Datasheet HTML 2Page - Maxim Integrated Products MAX1562 Datasheet HTML 3Page - Maxim Integrated Products MAX1562 Datasheet HTML 4Page - Maxim Integrated Products MAX1562 Datasheet HTML 5Page - Maxim Integrated Products MAX1562 Datasheet HTML 6Page - Maxim Integrated Products MAX1562 Datasheet HTML 7Page - Maxim Integrated Products MAX1562 Datasheet HTML 8Page - Maxim Integrated Products MAX1562 Datasheet HTML 9Page - Maxim Integrated Products MAX1562 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = +5V, CIN = 1µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)
SWITCH TURN-ON TIME
MAX1562 toc13
1ms/div
VON
(MAX1562H)
VON
(MAX1562)
2V/div
2V/div
VOUT
2V/div
ROUT = 2
Ω
SWITCH TURN-OFF TIME
MAX1562 toc14
400
μs/div
2V/div
2V/div
ROUT = 2
Ω
2V/div
VON
(MAX1562H)
VOUT
VON
(MAX1562)
STARTUP TIME
(ROUT = 2Ω, COUT = 4.7μF)
MAX1562 toc15
FAULT
VON
2V/div
5V/div
VOUT
1A/div
IOUT
5V
0V
1ms/div
STARTUP TIME
(ROUT = 2Ω, COUT = 100μF)
MAX1562 toc16
FAULT
VON
2V/div
5V/div
VOUT
1A/div
IOUT
5V
0V
1ms/div
STARTUP TIME
(ROUT = 2Ω, COUT = 330μF)
MAX1562 toc17
FAULT
VON
2V/div
5V/div
VOUT
1A/div
IOUT
5V
0V
1ms/div
ULVO RESPONSE
MAX1562 toc18
10ms/div
VFAULT
VIN
VOUT
2V/div
2V/div
2V/div
ROUT = 1k
Ω
0V


Similar Part No. - MAX1562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562-MAX1563 MAXIM-MAX1562-MAX1563 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562ESA MAXIM-MAX1562ESA Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562ESA++ MAXIM-MAX1562ESA+ Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
More results

Similar Description - MAX1562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com