Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440AC030M20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440AC030M20
Description  EMI/RFI Banding and Shrink Boot Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440AC030M20 Datasheet(HTML) 1 Page - Glenair, Inc.

  440AC030M20 Datasheet HTML 1Page - Glenair, Inc. 440AC030M20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 16
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Product Series
Connector Designator
Angle and Profile
C = Ultra-Low Split 90°
D = Split 90°
F = Split 45°
Basic Part No.
Finish (Table II)
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
440 F D 030 M 20 12-B P T
Shrink Boot (Table IV -
Omit for none)
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Cable Entry (Table IV)
Shell Size (Table I)
F (Table III)
E
(Table III)
G
(Table III)
H (Table III)
A Thread
(Table I)
M*
C Typ.
(Table I)
.060
(1.5)
.380
(9.7)
P*
* (Table IV)
STYLE 2
(See Note 1)
.88 (22.4)
Max
N*
L
(Table III)
K
(Table
III)
J (Table III)
Max Wire
Bundle
(Table III,
Note 1)
Split 45°
Split 90°
Low-Profile
Split 90°
Termination Area
Free of Cadmium.
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
Band Option
(K Option Shown -
See Note 5)
440-030
EMI/RFI Banding and Shrink Boot Adapter
Rotatable Coupling - Split Shell


Similar Part No. - 440AC030M20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AC063M10 GLENAIR-440AC063M10 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AC063M12 GLENAIR-440AC063M12 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AC063M14 GLENAIR-440AC063M14 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AC063M16 GLENAIR-440AC063M16 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
More results

Similar Description - 440AC030M20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH069M08 GLENAIR-440AH069M08_08 Datasheet
262Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M08 GLENAIR-440AC069M08 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440-069 GLENAIR-440-069 Datasheet
219Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AD031M08 GLENAIR-440AD031M08 Datasheet
49Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Split Shell
440AH031M08 GLENAIR-440AH031M08 Datasheet
54Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Standard Profile
440AH030M08 GLENAIR-440AH030M08 Datasheet
86Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
440AH069M08 GLENAIR-440AH069M08 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440AM069M08 GLENAIR-440AM069M08 Datasheet
51Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Full Radius Profile
319FJ043M16 GLENAIR-319FJ043M16 Datasheet
645Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com