Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPG4001S-RC Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPG4001S-RC
Description  1000Base-T Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPG4001S-RC Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPG4001S-RC Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
1000Base-T Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Guaranteed to operate with 10/100Base-TX
• Complies with or exceeds IEEE 802.3ab 1000Base-T
• Add “-RC” after part number for RoHS Compliant
• 1500 Vrms Isolation
EPG4001S & EPG4001S-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSFG4001S & -RC Rev. Orig1
6/14/06 JDG
Insertion Loss
(dB Max.)
1-65
MHz
-1
OCL
(µH Min.)
@ 100 KHz, 0.1 Vrms
8 mA DC bias
350 (Media Side)
Common to Differential
(dB Min.)
Crosstalk
(dB Min.)
-35
60
MHz
-30
100
MHz
-40
1-40
MHz
-35
50
MHz
-30
100
MHz
-40
30
MHz
-30
1-80
MHz
CMRR
(dB Min.)
-60
1
MHz
-1.1
65-100
MHz
100-125
MHz
-1.5
-12
80
MHz
-10
100
MHz
-15
60
MHz
-18
1-40
MHz
Return Loss
(dB Min.)
• Rise Time : 1.75 nS Max. • Impedance : 100
Ω •
Package
.600
(15.24)
.035
(.889)
0°-8°
.090
(2.29)
Pad
Layout
.670
(17.02)
.030
(.762)
.690
(17.53)
.480
(12.19)
PCA
EPG4001S-RC
Date Code
Pin 1
I.D.
.016/.022
(.406/.559)
.050
(1.27)
.010/.015
(.254/.381)
.260
(6.60)
.550
(13.97)
.050
(1.27)
.070
(1.78)
.008/.013
(.203/.305)
Schematic
1CT:1CT
23, 20, 17, 14
24, 21, 18, 15
22, 19, 16, 13
1, 4, 7, 10
2, 5, 8, 11
3, 6, 9, 12
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number, but
in front of “-RC”when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPG4001S-RC
245°C
3.2 grams
30 pieces/tube
350 pieces/13” reel
(*EPG4001STR-RC)
EPG4001S
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
3.2 grams
30 pieces/tube
350 pieces/13” reel
(*EPG4001STR)
SnPb
Hot Tin Dip (Sn) †
† Lead Material : Matte Tin with Ni Barrier


Similar Part No. - EPG4001S-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPG4001S-RC ETC1-EPG4001S-RC Datasheet
24Kb / 1P
   11000Base-T Module
More results

Similar Description - EPG4001S-RC

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFGIB1006A XFMRS-XFGIB1006A Datasheet
60Kb / 1P
   1000BASE-T Module
logo
PCA ELECTRONICS INC.
EPG4001CS PCA-EPG4001CS_15 Datasheet
68Kb / 1P
   1000Base-T Module
EPG4001S PCA-EPG4001S_15 Datasheet
25Kb / 1P
   1000Base-T Module
EPG4002S PCA-EPG4002S_15 Datasheet
21Kb / 1P
   1000Base-T Module
EPG4009F PCA-EPG4009F_15 Datasheet
96Kb / 1P
   1000Base-T Module
EPG4010F PCA-EPG4010F Datasheet
91Kb / 1P
   1000Base-T Module
EPG4002S PCA-EPG4002S Datasheet
21Kb / 1P
   1000Base-T Module
EPG4009F PCA-EPG4009F Datasheet
96Kb / 1P
   1000Base-T Module
EPG4014S PCA-EPG4014S Datasheet
25Kb / 1P
   1000Base-T Module
EPG4016F PCA-EPG4016F Datasheet
40Kb / 1P
   1000Base-T Module
EPG4000SLH PCA-EPG4000SLH_15 Datasheet
68Kb / 1P
   1000Base-T Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com