Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440FS143XW20 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 440FS143XW20
Description  Composite Ultra Low Profile EMI/RFI
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440FS143XW20 Datasheet(HTML) 2 Page - Glenair, Inc.

  440FS143XW20 Datasheet HTML 1Page - Glenair, Inc. 440FS143XW20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-69
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
440-143
Composite Ultra Low Profile EMI/RFI
Micro-Banding Backshell with Qwik-Ty, Shrink Boot Porch
and Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size
Entry Code Available
for Straight and 45°
Configuration
K
±
.03
L
M
N Max
F
H
08
09
04
1.042 (26.5)
.304 (7.7)
.160 (4.1)
.63 (16.0)
10
11
05
1.107 (28.1)
.432 (11.0)
.174 (4.4)
.66 (16.8)
12
13
07
1.174 (29.8)
.546 (13.9)
.195 (5.0)
.72 (18.3)
14
15
09
1.241 (31.5)
.670 (17.0)
.315 (8.0)
.83 (21.1)
16
17
05 and 11
1.305 (33.1)
.796 (20.2)
.385 (9.8)
.91 (23.1)
18
19
07 and 13
1.371 (34.8)
.902 (22.9)
.445 (11.3)
.93 (23.6)
20
21
09 and 15
1.438 (36.5)
1.027 (26.1)
.525 (13.3)
1.04 (26.4)
22
23
11 and 16
1.505 (38.2)
1.152 (29.3)
.595 (15.1)
1.12 (28.4)
24
25
07, 13 and 17
1.572 (39.9)
1.276 (32.4)
.655 (16.6)
1.18 (30.0)
TABLE IV: CABLE ENTRY
Dash
Number
D
±
.03
E
±
.020
F
±
.020
G
±
.020
H
±
.06
J
±
.09
04
.25 (6.4)
.187 (4.7)
.312 (7.9)
.512 (13.0)
.72 (18.3)
.87 (22.1)
05
.31 (7.9)
.187 (4.7)
.312 (7.9)
.512 (13.0)
.75 (19.1)
.93 (23.6)
07
.44 (11.2)
.187 (4.7)
.312 (7.9)
.512 (13.0)
.75 (19.1)
1.00 (25.4)
09
.56 (14.2)
.219 (5.6)
.375 (9.5)
.630 (16.0)
.76 (19.3)
1.03 (26.2)
11
.68 (17.3)
.219 (5.6)
.375 (9.5)
.630 (16.0)
.78 (19.8)
1.05 (26.7)
13
.81 (20.6)
.219 (5.6)
.375 (9.5)
.630 (16.0)
.79 (20.1)
1.06 (26.9)
15
.94 (23.9)
.219 (5.6)
.375 (9.5)
.630 (16.0)
.82 (20.8)
1.09 (27.7)
16
1.00 (25.4)
.219 (5.6)
.375 (9.5)
.630 (16.0)
.86 (21.8)
1.13 (28.7)
17
1.16 (29.5)
.250 (6.4)
.437 (11.1)
.630 (16.0)
.89 (22.6)
1.16 (29.5 )
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer.
1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
NOTES
770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details.
1.
Coupling nut supplied unplated.
2.
See Table I in Intro for front-end dimensional details.
3.


Similar Part No. - 440FS143XW20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440FS-075-B1602-8BP GLENAIR-440FS-075-B1602-8BP Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
440FS-075-B1602-8KP GLENAIR-440FS-075-B1602-8KP Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
440FS-075-B1603-8BP GLENAIR-440FS-075-B1603-8BP Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
440FS-075-B1603-8KP GLENAIR-440FS-075-B1603-8KP Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
440FS-075-B1604-8BP GLENAIR-440FS-075-B1604-8BP Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
More results

Similar Description - 440FS143XW20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440HS144XM08 GLENAIR-440HS144XM08 Datasheet
396Kb / 2P
   Composite Ultra Low Profile EMI/RFI
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
380FS132XM08 GLENAIR-380FS132XM08 Datasheet
356Kb / 1P
   Composite Knit-Braid Style EMI/RFI
447AS325XM08 GLENAIR-447AS325XM08 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com