Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440LC070M20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440LC070M20
Description  EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440LC070M20 Datasheet(HTML) 1 Page - Glenair, Inc.

  440LC070M20 Datasheet HTML 1Page - Glenair, Inc. 440LC070M20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 32
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
F
(Table III)
440 A D 070 NF 16 12 K P
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
Termination Areas
Free of Cadmium.
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
Product Series
Connector Designator
Angle and Profile
C = Ultra-Low Split 90
D = Split 90
F = Split 45
Basic Part No.
Polysulfide (Omit for none)
B = 2 Bands
K = 2 Precoiled Bands
(Omit for none)
Dash No. (Table IV)
Shell Size (Table I)
Finish (Table II)
E (Table III)
K
(Table III)
C Typ.
(Table I)
G (Table III)
A Thread
(Table I)
D
(Table III)
J (Table III)
H (Table III)
Max Wire
Bundle
(Table III,
Note 1)
L *
M *
STYLE 2
(See Note 1)
.88 (22.4)
Max
N *
.060 (1.5) Typ.
.380 (9.7)
Typ.
* (Table IV)
Split 45°
Split 90°
Ultra Low-
Profile Split
90°
Band Option
(K Option Shown -
See Note 3)
440-070
EMI/RFI Dual Banding Adapter
Rotatable Coupling - Split Shell


Similar Part No. - 440LC070M20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440LC072NF08 GLENAIR-440LC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440LC072NF10 GLENAIR-440LC072NF10 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440LC072NF12 GLENAIR-440LC072NF12 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440LC072NF14 GLENAIR-440LC072NF14 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440LC072NF16 GLENAIR-440LC072NF16 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
More results

Similar Description - 440LC070M20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AC073NF08 GLENAIR-440AC073NF08 Datasheet
134Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Split Shell
440AC072NF08 GLENAIR-440AC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AD071NF08 GLENAIR-440AD071NF08 Datasheet
53Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Split Shell
440AD074NF08 GLENAIR-440AD074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Split Shell
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AH070NF08 GLENAIR-440AH070NF08 Datasheet
74Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
440AM070M08 GLENAIR-440AM070M08 Datasheet
51Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Full Radius Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com